Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3981 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3981 Datasheet HTML 12Page - Texas Instruments LP3981 Datasheet HTML 13Page - Texas Instruments LP3981 Datasheet HTML 14Page - Texas Instruments LP3981 Datasheet HTML 15Page - Texas Instruments LP3981 Datasheet HTML 16Page - Texas Instruments LP3981 Datasheet HTML 17Page - Texas Instruments LP3981 Datasheet HTML 18Page - Texas Instruments LP3981 Datasheet HTML 19Page - Texas Instruments LP3981 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3981ILD-2.5
WSON
NGC
6
1000
178.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILD-2.5/NOPB
WSON
NGC
6
1000
178.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILD-2.8/NOPB
WSON
NGC
6
1000
178.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILD-3.0/NOPB
WSON
NGC
6
1000
178.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILD-3.3/NOPB
WSON
NGC
6
1000
178.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILDX-2.5/NOPB
WSON
NGC
6
4500
330.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILDX-2.7/NOPB
WSON
NGC
6
4500
330.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILDX-2.8/NOPB
WSON
NGC
6
4500
330.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILDX-2.83/NOPB
WSON
NGC
6
4500
330.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981ILDX-3.03/NOPB
WSON
NGC
6
4500
330.0
12.4
4.3
3.3
1.0
8.0
12.0
Q1
LP3981IMM-2.5
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP3981IMM-2.5/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP3981IMM-2.7/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP3981IMM-2.8/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP3981IMM-3.0/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP3981IMM-3.03
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP3981IMM-3.03/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP3981IMM-3.3
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com