Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS2010ADR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2010ADR
Description  POWER-DISTRIBUTION SWITCHES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2010ADR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2010ADR Datasheet HTML 15Page - Texas Instruments TPS2010ADR Datasheet HTML 16Page - Texas Instruments TPS2010ADR Datasheet HTML 17Page - Texas Instruments TPS2010ADR Datasheet HTML 18Page - Texas Instruments TPS2010ADR Datasheet HTML 19Page - Texas Instruments TPS2010ADR Datasheet HTML 20Page - Texas Instruments TPS2010ADR Datasheet HTML 21Page - Texas Instruments TPS2010ADR Datasheet HTML 22Page - Texas Instruments TPS2010ADR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.ti.com
THERMAL PROTECTION
UNDERVOLTAGE LOCKOUT (UVLO)
GENERIC HOT-PLUG APPLICATIONS (see Figure 36)
TPS2010A, TPS2011A
TPS2012A, TPS2013A
SLVS189C – DECEMBER 1998 – REVISED SEPTEMBER 2007
Where:
TA = Ambient Temperature °C
RθJA = Thermal resistance SOIC = 172°C/W
Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees,
repeat the calculation, using the calculated value as the new estimate. Two or three iterations are generally
sufficient to get an acceptable answer.
Thermal protection prevents damage to the IC when heavy-overload or short-circuit faults are present for
extended periods of time. The faults force the TPS201xA into constant current mode, which causes the voltage
across the high-side switch to increase; under short-circuit conditions, the voltage across the switch is equal to
the input voltage. The increased dissipation causes the junction temperature to rise to high levels. The protection
circuit senses the junction temperature of the switch and shuts it off. Hysteresis is built into the thermal sense
circuit, and after the device has cooled approximately 20 degrees, the switch turns back on. The switch continues
to cycle in this manner until the load fault or input power is removed.
An undervoltage lockout ensures that the power switch is in the off state at power up. Whenever the input
voltage falls below approximately 2 V, the power switch will be quickly turned off. This facilitates the design of
hot-insertion systems where it is not possible to turn off the power switch before input power is removed. The
UVLO will also keep the switch from being turned on until the power supply has reached at least 2 V, even if the
switch is enabled. Upon reinsertion, the power switch will be turned on, with a controlled rise time to reduce EMI
and voltage overshoots.
In many applications it may be necessary to remove modules or p-c boards while the main unit is still operating.
These are considered hot-plug applications. Such implementations require the control of current surges seen by
the main power supply and the card being inserted. The most effective way to control these surges is to limit and
slowly ramp the current and voltage being applied to the card, similar to the way in which a power supply
normally turns on. Because of the controlled rise times and fall times of the TPS201xA series, these devices can
be used to provide a softer start-up to devices being hot-plugged into a powered system. The UVLO feature of
the TPS201xA also ensures the switch will be off after the card has been removed, and the switch will be off
during the next insertion. The UVLO feature guarantees a soft start with a controlled rise time for every insertion
of the card or module.
Figure 36. Typical Hot-Plug Implementation
By placing the TPS201xA between the VCC input and the rest of the circuitry, the input power will reach this
device first after insertion. The typical rise time of the switch is approximately 9 ms, providing a slow voltage
ramp at the output of the device. This implementation controls system surge currents and provides a
hot-plugging mechanism for any device.
Copyright © 1998–2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS2010A, TPS2011A TPS2012A, TPS2013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com