Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

10XSC425 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  10XSC425 Datasheet HTML 1Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 2Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 3Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 4Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 5Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Document Number: MC10XSC425
Rev. 2.0, 9/2013
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2013. All rights reserved.
Quad High Side Switch
(Dual 10 mOhm, Dual 25 mOhm)
The 10XSC425 is one in a family of devices designed for low-voltage
lighting or factory automation applications. Its four low RDS(ON)
MOSFETs (dual 10 m
/dual 25 m) can control four separate 55 W /
28 W bulbs, and/or Xenon modules, and/or LEDs, and/or DC low
voltage motors.
Programming, control and diagnostics are accomplished using a 16-bit
SPI interface. Its output with selectable slew-rate improves
electromagnetic compatibility (EMC) behavior. Additionally, each
output has its own parallel input or SPI control for pulse-width
modulation (PWM) control if desired. The 10XSC425 allows the user to
program via the SPI the fault current trip levels and duration of
acceptable inrush. The device has fail-safe mode to provide fail-safe
functionality of the outputs in case of MCU damaged.
This device is powered by SMARTMOS technology.
Features
• Four protected 10 m
 and 25 m high side switches (at 25 °C)
• Operating voltage range of 6.0 to 20 V with sleep current
< 5.0
A, extended mode from 4.0 to 28 V
•8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and status reporting
with daisy chain capability
• PWM module using external clock or calibratable internal
oscillator with programmable output delay management
• Smart overcurrent shutdown, severe short-circuit,
overtemperature protections with time limited autoretry, and fail-
safe mode, in case of MCU damage
• Output OFF or ON open-load detection compliant to bulbs or leds
and short to battery detection.
• Analog current feedback with selectable ratio and board
temperature feedback
.
Figure 1. 10XSC425 Simplified Application Diagram
HIGH SIDE SWITCH
10XSC425
EK SUFFIX (PB-FREE)
98ASA00368D
32-PIN SOICW-EP
Applications
• Low-voltage industrial lighting
• Halogen lamps
• Incandescent bulbs
• Light-emitting diodes (LEDs)
• HID Xenon ballasts
• Low voltage factory automation
MCU
10XSC425
VDD
VDD
VPWR VDD
VPWR
WAKE
FSB
SCLK
CSB
SO
RSTB
SI
IN0
IN1
IN2
IN3
CSNS
FSI
GND
VDD
VPWR
HS0
HS1
HS2
HS3
LOAD
I/O
SCLK
CSB
SI
I/O
SO
I/O
I/O
I/O
I/O
A/D
GND
LOAD
LOAD
LOAD


Similar Part No. - 10XSC425

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3412 FREESCALE-10XS3412 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
10XS3412 NXP-10XS3412 Datasheet
1Mb / 60P
Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results

Similar Description - 10XSC425

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
QUAD HIGH SIDE SWITCH
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
Quad, High-Side Power Switch
Rev 1; 10/94
logo
Freescale Semiconductor...
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
Quad High Side Switch (Quad 35m廓)
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
Quad High Side Switch (Quad 35mOHM)
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
Quad High Side Switch
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
Quad High Side Switch
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
33894 FREESCALE-33894 Datasheet
1Mb / 28P
Quad High-Side Switch
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
Quad High Side Switch (Quad 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com