Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7981 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L7981
Description  3 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L7981 Datasheet HTML 32Page - STMicroelectronics L7981 Datasheet HTML 33Page - STMicroelectronics L7981 Datasheet HTML 34Page - STMicroelectronics L7981 Datasheet HTML 35Page - STMicroelectronics L7981 Datasheet HTML 36Page - STMicroelectronics L7981 Datasheet HTML 37Page - STMicroelectronics L7981 Datasheet HTML 38Page - STMicroelectronics L7981 Datasheet HTML 39Page - STMicroelectronics L7981 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Application ideas
L7981
36/44
Doc ID 15182 Rev 3
Equation 35
where ISW is the average current in the embedded power MOSFET in the on time.
To chose the right value of the inductor and to manage transient output current, that for short
time can exceed the maximum output current calculated by Equation 35, also the peak
current in the power MOSFET has to be calculated. The peak current, showed in Equation
36, must be lower than the minimum current limit (3.7 A)
Equation 36
Where r is defined as the ratio between the inductor current ripple and the inductor DC
current:
So in the buck boost topology the maximum output current depends on the application
conditions (firstly input and output voltage, secondly switching frequency and inductor
value).
In Figure 34. the maximum output current for the above configuration is depicted varying the
input voltage from 4.5 V to 28 V.
The dashed line considers a more accurate estimation of the duty cycles given by Equation
37, where power losses across diodes, external power MOSFET, internal power MOSFET
are taken into account.
I
SW
I
OUT
1D
–
-------------
3 A
<
=
I
SW,PK
I
OUT
1D
–
-------------
1
r
2
---
+
3.7A
<
⋅
=
r
V
OUT
I
OUT
LF
SW
⋅⋅
------------------------------------
1D
–
()
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com