Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8548ECHXATHB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8548ECHXATHB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
2
Freescale Semiconductor
Overview
Figure 1. Device Block Diagram
1.1
Key Features
The following list provides an overview of the device feature set:
•
High-performance 32-bit core built on Power Architecture® technology.
— 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection. Caches can
be locked entirely or on a per-line basis, with separate locking for instructions and data.
— Signal-processing engine (SPE) APU (auxiliary processing unit). Provides an extensive
instruction set for vector (64-bit) integer and fractional operations. These instructions use both
the upper and lower words of the 64-bit GPRs as they are defined by the SPE APU.
— Double-precision floating-point APU. Provides an instruction set for double-precision (64-bit)
floating-point instructions that use the 64-bit GPRs.
— 36-bit real addressing
— Embedded vector and scalar single-precision floating-point APUs. Provide an instruction set
for single-precision (32-bit) floating-point instructions.
— Memory management unit (MMU). Especially designed for embedded applications. Supports
4-Kbyte to 4-Gbyte page sizes.
— Enhanced hardware and software debug support
Core Complex
x8 PCI Express
4x RapidIO
66 MHz
PCI 32-bit
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
Serial
IRQs
SDRAM
DDR
Flash
SDRAM
GPIO
Bus
I2C
I2C
Controller
eTSEC
32-bit PCI Bus Interface
(If 64-bit not used)
e500
Coherency
Module
DDR/DDR2/
Memory Controller
Local Bus Controller
Programmable Interrupt
Controller (PIC)
DUART
e500 Core
512-Kbyte
L2 Cache/
SRAM
32-bit PCI/
64-bit PCI/PCI-X
Bus Interface
32-Kbyte L1
Instruction
Cache
32-Kbyte
L1 Data
Cache
OceaN
Switch
Fabric
Serial RapidIO
or
PCI Express
4-Channel DMA
Controller
133 MHz
PCI/PCI-X
I2C
I2C
Controller
RMII
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
eTSEC
RMII
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
eTSEC
RMII
10/100/1Gb
RTBI, RGMII,
eTSEC
Security
Engine
XOR
Engine
RMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com