Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADM823LYRJZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM823LYRJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM823LYRJZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM823LYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 9Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 10Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 11Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADM823/ADM824/ADM825
Rev. D | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AA
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
1
2
4
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 20. 5-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-5)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 21. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model 1
Reset Threshold (V)
Temperature Range
Quantity
Package Description
Package Option
Branding
ADM823LYKSZ-R7
4.63
−40°C to +125°C
3k
5-Lead SC70
KS-5
M4L
ADM823LYRJ-R7
4.63
−40°C to +125°C
3k
5-Lead SOT-23
RJ-5
N07
ADM823LYRJZ-R7
4.63
−40°C to +125°C
3k
5-Lead SOT-23
RJ-5
M4L
ADM823MYKSZ-R7
4.38
−40°C to +125°C
3k
5-Lead SC70
KS-5
M4L
ADM823MYRJZ-R7
4.38
−40°C to +125°C
3k
5-Lead SOT-23
RJ-5
M4L
ADM823TYKSZ-R7
3.08
−40°C to +125°C
3k
5-Lead SC70
KS-5
M4L
ADM823TYRJ-R7
3.08
−40°C to +125°C
3k
5-Lead SOT-23
RJ-5
N07
ADM823TYRJZ-R7
3.08
−40°C to +125°C
3k
5-Lead SOT-23
RJ-5
M4L
ADM823SYKSZ-R7
2.93
−40°C to +125°C
3k
5-Lead SC70
KS-5
M4L
ADM823SYRJ-R7
2.93
−40°C to +125°C
3k
5-Lead SOT-23
RJ-5
N07
ADM823SYRJZ-R7
2.93
−40°C to +125°C
3k
5-Lead SOT-23
RJ-5
M4L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com