Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP07 Datasheet(PDF) 5 Page - Analog Devices

Part # OP07
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07 Datasheet(HTML) 5 Page - Analog Devices

  OP07 Datasheet HTML 1Page - Analog Devices OP07 Datasheet HTML 2Page - Analog Devices OP07 Datasheet HTML 3Page - Analog Devices OP07 Datasheet HTML 4Page - Analog Devices OP07 Datasheet HTML 5Page - Analog Devices OP07 Datasheet HTML 6Page - Analog Devices OP07 Datasheet HTML 7Page - Analog Devices OP07 Datasheet HTML 8Page - Analog Devices OP07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
OP07
Rev. G | Page 5 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
TA = 25°C
Output Voltage Swing
VO
RL ≥ 10 kΩ
±12.0
±13.0
V
RL ≥ 2 kΩ
±11.5
±12.8
V
RL ≥ 1 kΩ
±12.0
V
−40°C ≤ TA ≤ +85°C
Output Voltage Swing
VO
RL ≥ 2 kΩ
±12
±12.6
V
DYNAMIC PERFORMANCE
TA = 25°C
Slew Rate
SR
RL ≥ 2 kΩ3
0.1
0.3
V/μs
Closed-Loop Bandwidth
BW
AVOL = 15
0.4
0.6
MHz
Open-Loop Output Resistance
RO
VO = 0, IO = 0
60
Ω
Power Consumption
Pd
VS = ±15 V, No load
80
150
mW
VS = ±3 V, No load
4
8
mW
Offset Adjustment Range
RP = 20 kΩ
±4
mV
1
Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.
2
Long-term input offset voltage stability refers to the averaged trend time of VOS vs. the time over extended periods after the first 30 days of operation. Excluding the
initial hour of operation, changes in VOS during the first 30 operating days are typically 2.5 μV. Refer to the Typical Performance Characteristics section. Parameter is
sample tested.
3
Sample tested.
4
Guaranteed by design.
5
Guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com