Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP77 Datasheet(PDF) 10 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP77
Rev. E | Page 10 of 16
TEST CIRCUITS
OP77
200k
Ω
VO
50
Ω
VOS =
VO
4000
Figure 21. Typical Offset Voltage Test Circuit
INPUT REFERRED NOISE =
VO
25,000
OP77
2.5M
Ω
V+
V–
OUTPUT
100
Ω
100
Ω
3.3k
Ω
4.7µF
(
≈10Hz FILTER)
7
6
4
2
3
Figure 22. Typical Low-Frequency Noise Test Circuit
OP77
V+
OUTPUT
V–
20k
Ω
INPUT
+
–
1
8
7 6
4
2
3
Figure 23. Optional Offset Nulling Circuit
OP77
100k
Ω
+18V
–18V
7
6
4
2
3
+
10µF
+
10µF
0.1µF
0.1µF
*
*
10
Ω
10
Ω
10k
Ω
10k
Ω
NOTES
*1 PER BOARD
Figure 24. Burn-In Circuit
1M
Ω
RL
VX
10
Ω
10k
Ω
100k
Ω
VIN = ±10V
TYPICALPRECISION
OP AMP
VY
VX
–10V
0V
+10V
NOTES
1. GAIN NOT CONSISTANT. CAUSES NONLINEAR ERRORS.
2.AVO SPEC IS ONLY PART OF THE SOLUTION.
3. CHECK SPECIFICATION TABLE 1 AND TABLE 2 FOR PERFORMANCE.
AVO
650V/mV
RL = 2kΩ
Figure 25. Open-Loop Gain Linearity
Actual open-loop voltage gain can vary greatly at various output
voltages. All automated testers use endpoint testing and therefore
only show the average gain. This causes errors in high closed-
loop gain circuits. Because this is difficult for manufacturers to
test, users should make their own evaluations. This simple test
circuit makes it easy. An ideal op amp would show a horizontal
scope trace.
VY
VX
–10V
0V
+10V
Figure 26. Output Gain Linearity Trace
This is the output gain linearity trace for the new OP77. The
output trace is virtually horizontal at all points, assuring
extremely high gain accuracy. The average open-loop gain is
truly impressive—approximately 10,000,000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com