Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD621BRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD621BRZ
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621BRZ Datasheet(HTML) 1 Page - Analog Devices

  AD621BRZ Datasheet HTML 1Page - Analog Devices AD621BRZ Datasheet HTML 2Page - Analog Devices AD621BRZ Datasheet HTML 3Page - Analog Devices AD621BRZ Datasheet HTML 4Page - Analog Devices AD621BRZ Datasheet HTML 5Page - Analog Devices AD621BRZ Datasheet HTML 6Page - Analog Devices AD621BRZ Datasheet HTML 7Page - Analog Devices AD621BRZ Datasheet HTML 8Page - Analog Devices AD621BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAM
8-Lead Plastic Mini-DIP (N), Cerdip (Q)
and SOIC (R) Packages
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
G = 10/100
–IN
+IN
G = 10/100
+VS
OUTPUT
REF
–VS
AD621
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Drift, Low Power
Instrumentation Amplifier
AD621
FEATURES
EASY TO USE
Pin-Strappable Gains of 10 and 100
All Errors Specified for Total System Performance
Higher Performance than Discrete In Amp Designs
Available in 8-Lead DIP and SOIC
Low Power, 1.3 mA Max Supply Current
Wide Power Supply Range ( 2.3 V to
18 V)
EXCELLENT DC PERFORMANCE
0.15% Max, Total Gain Error
5 ppm/ C, Total Gain Drift
125
V Max, Total Offset Voltage
1.0
V/ C Max, Offset Voltage Drift
LOW NOISE
9 nV/
√Hz, @ 1 kHz, Input Voltage Noise
0.28
V p-p Noise (0.1 Hz to 10 Hz)
EXCELLENT AC SPECIFICATIONS
800 kHz Bandwidth (G = 10), 200 kHz (G = 100)
12
s Settling Time to 0.01%
APPLICATIONS
Weigh Scales
Transducer Interface and Data Acquisition Systems
Industrial Process Controls
Battery-Powered and Portable Equipment
PRODUCT DESCRIPTION
The AD621 is an easy to use, low cost, low power, high accu-
racy instrumentation amplifier that is ideally suited for a wide
range of applications. Its unique combination of high perfor-
mance, small size and low power, outperforms discrete in amp
implementations. High functionality, low gain errors, and low
SUPPLY CURRENT – mA
30,000
25,000
0
020
5
10
15
20,000
15,000
10,000
5,000
AD621A
3 OP AMP
IN AMP
(3 OP 07S)
Figure 1. Three Op Amp IA Designs vs. AD621
gain drift errors are achieved by the use of internal gain setting
resistors. Fixed gains of 10 and 100 can easily be set via external
pin strapping. The AD621 is fully specified as a total system,
therefore, simplifying the design process.
For portable or remote applications, where power dissipation,
size, and weight are critical, the AD621 features a very low
supply current of 1.3 mA max and is packaged in a compact
8-lead SOIC, 8-lead plastic DIP or 8-lead cerdip. The AD621
also excels in applications requiring high total accuracy, such
as precision data acquisition systems used in weigh scales and
transducer interface circuits. Low maximum error specifications
including nonlinearity of 10 ppm, gain drift of 5 ppm/
°C, 50 µV
offset voltage, and 0.6
µV/°C offset drift (“B” grade), make
possible total system performance at a lower cost than has been
previously achieved with discrete designs or with other mono-
lithic instrumentation amplifiers.
When operating from high source impedances, as in ECG and
blood pressure monitors, the AD621 features the ideal combina-
tion of low noise and low input bias currents. Voltage noise is
specified as 9 nV/
√Hz at 1 kHz and 0.28 µV p-p from 0.1 Hz to
10 Hz. Input current noise is also extremely low at 0.1 pA/
√Hz.
The AD621 outperforms FET input devices with an input bias
current specification of 1.5 nA max over the full industrial tem-
perature range.
SOURCE RESISTANCE –
10,000
0.1
1k
100M
10k
100k
10M
1,000
100
10
1
1M
TYPICAL STANDARD
BIPOLAR INPUT
IN AMP
AD621 SUPER ETA
BIPOLAR INPUT
IN AMP
Figure 2. Total Voltage Noise vs. Source Resistance
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001


Similar Part No. - AD621BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621BR AD-AD621BR Datasheet
530Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV.B
More results

Similar Description - AD621BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621 AD-AD621 Datasheet
530Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV.B
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
Low Drift INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8428 AD-AD8428 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621BNZ AD-AD621BNZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_16 Datasheet
619Kb / 17P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com