Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD621 Datasheet(PDF) 9 Page - Analog Devices

Part # AD621
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD621 Datasheet HTML 5Page - Analog Devices AD621 Datasheet HTML 6Page - Analog Devices AD621 Datasheet HTML 7Page - Analog Devices AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD621
REV. B
–9–
OUTPUT STEP SIZE – Volts
20
0
020
15
5
5
10
10
15
TO 0.01%
TO 0.1%
TPC 24. Settling Time vs. Step Size, Gain = 100
TEMPERATURE – C
+IB
–IB
2.0
–2.0
175
–1.0
–1.5
–75
–0.5
0
0.5
1.0
1.5
125
75
25
–25
–125
TPC 25. Input Bias Current vs. Temperature
10
0%
100
90
100 V
0PW 0
20 WFM AQR WARNING
0 WFM
VZR 0
2V
TPC 26. Gain Nonlinearity, G = 100, RL = 10 k
Ω,
CL = 0 pF. Vertical Scale: 100
µV/Div = 100 ppm/Div
Horizontal Scale: 2 Volts/Div
10
0%
100
90
2V
100 V
TPC 27. Gain Nonlinearity, G = 10, RL = 10 k
Ω, Vertical
Scale: 100
µV/Div = 100 ppm/Div, Horizontal Scale:
2 Volts/Div
+
–
AD621
1k
10T
+VS
–VS
G = 10
G = 100
G = 10
G = 100
INPUT
20V p-p
10k
1%
10k
1%
100k
1%
VOUT
11k
0.1%
1k
0.1%
TPC 28. Settling Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com