| Electronic Components Datasheet Search |
|
AD7865ASZ Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7865ASZ Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 19 page ![]() REV. B AD7865 –17– AC Linearity Plots The plots shown in Figure 18 below show typical DNL and INL for the AD7865. ADC – Code 0 –0.60 0 4000 8000 12000 16383 0.60 ADC – Code 0 –0.60 0 4000 8000 12000 16383 0.60 Figure 18. Typical DNL and INL Plots MICROPROCESSOR INTERFACING The high speed parallel interface of the AD7865 allows easy interfacing to most DSPs and microprocessors. The AD7865 interface of the AD7865 consists of the data lines (DB0 to DB13), CS, RD, WR, EOC and BUSY. AD7865–ADSP-21xx Interface Figure 19 shows an interface between the AD7865 and the ADSP-210x. The CONVST signal can be generated by the ADSP-210x or from some other external source. Figure 19 shows the CS being generated by a combination of the DMS signal and the address bus of the ADSP-2100. In this way the AD7865 is mapped into the data memory space of the ADSP-210x. The AD7865 BUSY line provides an interrupt to the ADSP- 210x when the conversion sequence is complete on all the selected channels. The conversion results can then be read from the AD7865 using successive read operations. Alternately, one can use the EOC pulse to interrupt the ADSP-210x when the conversion on each channel is complete when reading between each conversion in the conversion sequence (Figure 8). The AD7865 is read using the following instruction MR0 = DM(ADC) where MR0 is the ADSP-210x MR0 register and ADC is the AD7865 address. CS RD WR BUSY CONVST DB0–DB13 AD7865 VIN1 VIN2 VIN3 VIN4 DT1/F0 IRQn RD WR D0–D13 DMS A0–A13 ADSP-21xx ADDRESS DECODE Figure 19. AD7865–ADSP-21xx Interface AD7865–TMS320C5x Interface Figure 20 shows an interface between the AD7865 and the TMS320C5x. As with the previous interfaces, conversion can be initiated from the TMS320C5x or from an external source and the processor is interrupted when the conversion sequence is completed. The CS signal to the AD7865 derived from the DS signal and a decode of the address bus. This maps the AD7865 into external data memory. The RD signal from the TMS320 is used to enable the ADC data onto the data bus. The AD7865 has a fast parallel bus so there are no wait state requirements. The following instruction is used to read the conversion results from the AD7865: IN D,ADC where D is Data Memory address and ADC is the AD7865 address. PA0 INTn DS TMS320C5x CS RD WR BUSY CONVST DB0–DB13 AD7865 VIN1 VIN2 VIN3 VIN4 RD WR D0–D13 A0–A13 ADDRESS DECODE Figure 20. AD7865–TMS320C5x Interface AD7865–MC68000 Interface An interface between the AD7865 and the MC68000 is shown in Figure 21. The conversion can be initiated from the MC68000 or from an external source. The AD7865 BUSY line can be used to interrupt the processor or, alternatively, software delays can ensure that conversion has been completed before a read to the AD7865 is attempted. Because of the nature of its inter- rupts, the 68000 requires additional logic (not shown in Figure 21) to allow it to be interrupted correctly. For further informa- tion on 68000 interrupts, consult the 68000 users manual. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |