Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APW8720B Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW8720B
Description  Single Buck Voltage Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8720B Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW8720B Datasheet HTML 7Page - Anpec Electronics Coropration APW8720B Datasheet HTML 8Page - Anpec Electronics Coropration APW8720B Datasheet HTML 9Page - Anpec Electronics Coropration APW8720B Datasheet HTML 10Page - Anpec Electronics Coropration APW8720B Datasheet HTML 11Page - Anpec Electronics Coropration APW8720B Datasheet HTML 12Page - Anpec Electronics Coropration APW8720B Datasheet HTML 13Page - Anpec Electronics Coropration APW8720B Datasheet HTML 14Page - Anpec Electronics Coropration APW8720B Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Mar., 2012
APW8720B
www.anpec.com.tw
11
Function Description
Power-On-Reset (POR)
The Power-On-Reset (POR) function of APW8720B con-
tinually monitors the input supply voltage (VCC) and en-
sures that the IC has sufficient supply voltage and can
work well. The POR function initiates a soft-start process
while the VCC voltage just exceeds the POR threshold;
the POR function also inhibits the operations of the IC
while the VCC voltage falls below the POR threshold.
Soft-Start
The APW8720B builds in a soft-start function about
1.5ms (Typ.) interval, which controls the output voltage
rising as well as limiting the current surge at the start-up.
During soft-start, an internal ramp voltage connected to
the one of the positive inputs of the error amplifier re-
places the reference voltage (0.8V typical) until the ramp
voltage reaches the reference voltage. The soft-start cir-
cuit interval is shown as figure 1. The UVP function en-
able delay is from t2 to t3.
Figure 1. Soft-Start Interval
Over-Current Protection of the PWM Converter
The over-current function protects the switching converter
against over-current or short-circuit conditions. The con-
troller senses the inductor current by detecting the drain-
to-source voltage which is the product of the inductor’s
current and the on-resistance of the low-side MOSFET
during it’s on-state. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sens-
ing resistor required.
A resistor (R
OCSET), connected from the LGATE/OCSET to
GND, programs the over-current trip level. Before the IC
initiates a soft-start process, an internal current source,
I
OCSET (10µA typical), flowing through the ROCSET develops
a voltage (V
ROCSET) across the ROCSET. The device holds
V
ROCSET and stops the current source IOCSET during normal
operation. When the voltage across the low-side MOSFET
exceeds the V
ROCSET, the APW8720B turns off the high-
side and low-side MOSFET,and the device will enters
hiccup mode until the over-current phenomenon is
released.
The APW8720B has an internal OCP voltage, V
OCP_MAX,
and the value is 0.35V (minimum). When the R
OCSET x
I
OCSET exceed 0.35V or the ROCSET is floating or not
connected, the V
ROCSET will be the default value 0.35V. The
over current threshold would be 0.35V across low-side
MOSFET. The threshold of the valley inductor current-limit
is therefore given by:
)
side
low
(
R
R
I
I
)
ON
(
DS
OCSET
OCSET
LIMIT
−
×
=
For the over-current is never occurred in the normal oper-
ating load range, the variation of all parameters in the
above equation should be considered:
- The R
DS(ON) of low-side MOSFET is varied by tempera-
ture and gate to source voltage. Users should deter-
mine the maximum R
DS(ON) by using the manufacturer’s
datasheet.
- The minimum I
OCSET (9µA) and minimum ROCSET should
be used in the above equation.
- Note that the I
LIMIT is the current flow through the low-
side MOSFET; I
LIMIT must be greater than valley inductor
current which is output current minus the half of induc-
tor ripple current.
For avoid large inductor current occurring in short circuit
before power on, the controller reduces internal current
source, I
ocset, to half during soft start time.
It means that when APW8720B is in soft start interval, the
internal current source, I
ocset, is only 5µA (typical).
VOUT
(OCSET duratiom, t2-t1, less than 1.3ms)
t1 t2
t3
VVCC
Time
Voltage(V)
VPOK
POK Delay Time
OCSET count start
0.9xVREF
OCSET count completed
t4
t0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com