Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SOC2907ASW35 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SOC2907ASW35
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2907ASW35 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SOC2907ASW35 Datasheet HTML 13Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 14Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 15Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 16Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 17Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 18Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 19Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 20Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Contact ST sales office for information about the specific conditions for:
Products in die form
Other JANS quality levels
Tape and reel packing
2N2907ASW35
(2)
5202/001/01 or 02
(3)
-
ESCC
100 krad SW
TO-18
Gold or
Solder Dip
520200101 or 02
(3)
Strip Pack
2N2907AHR
5202/001/01 or 02
(3)
-
ESCC
-
TO-18
Gold or
Solder Dip
520200101 or 02
(3)
Strip Pack
1.
Specific marking only. The full marking includes in addition: For the engineering models : ST logo, date code, country of origin (FR). For ESCC flight parts : ST logo, date
code, country of origin (FR), ESA logo, serial number of the part within the assembly lot. For JANS flight parts : ST logo, date code, country of origin (FR), manufacturer code
(CSTM), serial number of the part within the assembly lot.
2.
Not recommended for new design.
3.
Depending ESCC part number mentioned on the purchase order.
Table 14. Ordering information (continued)
Part number
Agency
specification
EPPL
Quality level
Radiation level
Package
Lead finish
Marking (1)
Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com