Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REF02HPZ Datasheet(PDF) 5 Page - Analog Devices

Part # REF02HPZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HPZ Datasheet(HTML) 5 Page - Analog Devices

  REF02HPZ Datasheet HTML 1Page - Analog Devices REF02HPZ Datasheet HTML 2Page - Analog Devices REF02HPZ Datasheet HTML 3Page - Analog Devices REF02HPZ Datasheet HTML 4Page - Analog Devices REF02HPZ Datasheet HTML 5Page - Analog Devices REF02HPZ Datasheet HTML 6Page - Analog Devices REF02HPZ Datasheet HTML 7Page - Analog Devices REF02HPZ Datasheet HTML 8Page - Analog Devices REF02HPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 5 of 20
REF03 SPECIFICATIONS
VIN = 15 V, −40°C ≤ TA ≤ +85°C, ILOAD = 0 mA, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
2.495
2.500
2.515
V
OUTPUT ADJUSTMENT RANGE1
ΔVTRIM
POT = 10 kΩ
±6
±11
%
INITIAL ACCURACY
VOERR
±15
mV
±0.6
%
TEMPERATURE COEFFICIENT
TCVO
10
50
ppm/°C
LINE REGULATION2
∆VO/∆VIN
VIN = 4.5 V to 33 V
20
50
ppm/V
LOAD REGULATION2
∆VO/∆ILOAD
ILOAD = 0 mA to 10 mA
60
100
ppm/mA
DROPOUT VOLTAGE
VDO
2
V
QUIESCENT CURRENT
IIN
1.0
1.4
mA
LOAD CURRENT
ILOAD
Sourcing
10
mA
Sinking
−0.3
mA
SHORT CIRCUIT TO GND
ISC
VO = 0 V
24
mA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10.0 Hz
6
μV p-p
LONG-TERM STABILITY3
∆VO
After 1000 hours of operation
50
ppm
TURN-ON SETTLING TIME
tR
Output settling to within ±0.1% of final value
5
μs
TEMPERATURE SENSOR4
Voltage Output at TEMP Pin
VTEMP
580
mV
Temperature Sensitivity
TCVTEMP
1.96
mV/°C
1 Refer to the
section.
Output Adjustment
2 Specification includes the effects of self-heating.
3 Long-term stability is noncumulative; the drift in subsequent 1000-hour periods is significantly lower than in the first 1000-hour periods. Refer to Application Note AN-713.
4 Refer to the Temperature Monitoring section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com