| Electronic Components Datasheet Search |
|
AD7708 Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7708 Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 44 page ![]() REV. 0 AD7708/AD7718 –35– AD7708/AD7718 to 68HC11 Interface Figure 19 shows an interface between the AD7708/AD7718 and the 68HC11 microcontroller. The diagram shows the minimum (3-wire) interface with CS on the AD7708/AD7718 hardwired low. In this scheme, the RDY bit of the Status Register is monitored to determine when the Data Register is updated. An alternative scheme, which increases the number of inter- face lines to four, is to monitor the RDY output line from the AD7708/AD7718. The monitoring of the RDY line can be done in two ways. First, RDY can be connected to one of the 68HC11’s port bits (such as PC0), which is configured as an input. This port bit is then polled to determine the status of RDY. The second scheme is to use an interrupt driven system, in which case the RDY output is connected to the IRQ input of the 68HC11. For interfaces that require control of the CS input on the AD7708/AD7718, one of the port bits of the 68HC11 (such as PC1), which is configured as an output, can be used to drive the CS input. 68HC11 VDD SS SCK MISO MOSI RESET SCLK CS DIN DOUT VDD AD7708/ AD7718 Figure 19. AD7708/AD7718-to-68HC11 Interface The 68HC11 is configured in the master mode with its CPOL bit set to a Logic 1 and its CPHA bit set to a Logic 1. When the 68HC11 is configured like this, its SCLK line idles high between data transfers. The AD7708/AD7718 is not capable of full duplex operation. If the AD7708/AD7718 is configured for a write operation, no data appears on the DOUT lines even when the SCLK input is active. Similarly, if the AD7708/AD7718 is config- ured for a read operation, data presented to the part on the DIN line is ignored even when SCLK is active. AD7708/AD7718-to-8051 Interface An interface circuit between the AD7708/AD7718 and the 8XC51 microcontroller is shown in Figure 20. The diagram shows the minimum number of interface connections with CS on the AD7708/AD7718 hardwired low. In the case of the 8XC51 interface the minimum number of interconnects is just two. In this scheme, the RDY bit of the Status Register is monitored to determine when the Data Register is updated. The alternative scheme, which increases the number of interface lines to three, is to monitor the RDY output line from the AD7708/AD7718. The monitoring of the RDY line can be done in two ways. First, RDY can be connected to one of the 8XC51’s port bits (such as P1.0) which is configured as an input. This port bit is then polled to determine the status of RDY. The second scheme is to use an interrupt-driven system, in which case the RDY output is connected to the INT1 input of the 8XC51. For interfaces that require control of the CS input on the AD7708/AD7718, one of the port bits of the 8XC51 (such as P1.1), which is configured as an output, can be used to drive the CS input. The 8XC51 is configured in its Mode 0 serial interface mode. Its serial interface contains a single data line. As a result, the DOUT and DIN pins of the AD7708/AD7718 should be connected together with a 10 k Ω pull-up resistor. The serial clock on the 8XC51 idles high between data transfers. The 8XC51 outputs the LSB first in a write operation, while the AD7708/AD7718 expects the MSB first so the data to be trans- mitted has to be rearranged before being written to the output serial register. Similarly, the AD7708/AD7718 outputs the MSB first during a read operation while the 8XC51 expects the LSB first. Therefore, the data read into the serial buffer needs to be rearranged before the correct data word from the AD7708/ AD7718 is available in the accumulator. DVDD 8XC51 AD7708/ AD7718 P3.0 P3.1 RESET SCLK CS DIN DOUT DVDD 10k Figure 20. AD7708/AD7718-to-8XC51 Interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |