Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCMP356 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP356
Description  Comparators and Reference Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP356 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP356 Datasheet HTML 2Page - Analog Devices ADCMP356 Datasheet HTML 3Page - Analog Devices ADCMP356 Datasheet HTML 4Page - Analog Devices ADCMP356 Datasheet HTML 5Page - Analog Devices ADCMP356 Datasheet HTML 6Page - Analog Devices ADCMP356 Datasheet HTML 7Page - Analog Devices ADCMP356 Datasheet HTML 8Page - Analog Devices ADCMP356 Datasheet HTML 9Page - Analog Devices ADCMP356 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCMP350/ADCMP354/ADCMP356
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
2.25 2.55 2.85 3.15 3.45
5.55
VCC (V)
3.75 4.05 4.35 4.65 4.95 5.25
TA +125°C
TA +25°C
TA –40°C
TA +85°C
Figure 4. ICC vs. VCC over Temperature
500
540
560
580
600
620
640
660
680
700
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VTRIP TRIP RISING
520
VTRIP TRIP FALLING
Figure 5. VIN Trip Threshold vs. Temperature (VCC = 3.3 V)
0
4
6
8
10
12
14
16
18
20
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
2
HYSTERESIS
Figure 6. VIN Trip Hysteresis vs. Temperature
0
4
6
8
10
12
14
16
18
20
0
2
4
6
8
22
VIN (V)
2
10
12
14
16
18
20
Figure 7. Supply Current vs. Input Voltage (VIN)
0
40
60
80
100
120
140
160
180
200
0
2
4
6
8
22
VIN (V)
20
10
12
14
16
18
20
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. Input Leakage vs. Input Voltage (VIN)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
VIN (V)
TA = 25°C
Figure 9. VIN Leakage Current vs. VIN Voltage (VCC = 3.8 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com