Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP83840AVCE Datasheet(PDF) 13 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 9Page - Texas Instruments DP83840AVCE Datasheet HTML 10Page - Texas Instruments DP83840AVCE Datasheet HTML 11Page - Texas Instruments DP83840AVCE Datasheet HTML 12Page - Texas Instruments DP83840AVCE Datasheet HTML 13Page - Texas Instruments DP83840AVCE Datasheet HTML 14Page - Texas Instruments DP83840AVCE Datasheet HTML 15Page - Texas Instruments DP83840AVCE Datasheet HTML 16Page - Texas Instruments DP83840AVCE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
2.0 Pin Description (Continued)
12
National Semiconductor
Version A
2.7 IEEE 1149.1 INTERFACE
The IEEE 1149.1 Standard Test Access Port and Boundary Scan (sometimes referred to as JTAG) interface signals
allow system level boundary scan to be performed. These pins may be left floating when JTAG testing is not required.
Signal Name
Type
Pin #
Description
TDO
O, Z
50
TEST DATA OUTPUT: Serial instruction/test output data for the IEEE 1149.1
scan chain.
If Boundary-Scan is not implemented this pin may be left unconnected (NC).
TDI
I
91
TEST DATA INPUT: Serial instruction/test input data for the IEEE 1149.1 scan
chain.
TRST
I
92
TEST RESET: An asynchronous low going pulse will reset and initialize the IEEE
1149.1 test circuitry.
If Boundary-Scan is not implemented, this pin may be left unconnected (NC) since
it has an internal pull-up resistor (10 k
Ω).
TCLK
I
93
TEST CLOCK: Test clock for the IEEE 1149.1 circuitry.
If Boundary-Scan is not implemented this pin may be left unconnected (NC).
TMS
I
94
TEST MODE SELECT: Control input to the IEEE 1149.1 test circuitry.
If Boundary-Scan is not implemented, this pin may be left unconnected (NC) since
it has an internal pull-up resistor (10 k
Ω).
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com