Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE9701 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE9701
Description  3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9701 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE9701 Datasheet HTML 3Page - Peregrine Semiconductor PE9701 Datasheet HTML 4Page - Peregrine Semiconductor PE9701 Datasheet HTML 5Page - Peregrine Semiconductor PE9701 Datasheet HTML 6Page - Peregrine Semiconductor PE9701 Datasheet HTML 7Page - Peregrine Semiconductor PE9701 Datasheet HTML 8Page - Peregrine Semiconductor PE9701 Datasheet HTML 9Page - Peregrine Semiconductor PE9701 Datasheet HTML 10Page - Peregrine Semiconductor PE9701 Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product Specification
PE9701
Page 7 of 13
Document No. 70-0035-02
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Functional Description
The PE9701 consists of a prescaler, counters, a
phase detector, a charge pump, and control logic.
The dual modulus prescaler divides the VCO
frequency by either 10 or 11, depending on the
value of the modulus select. Counters “R” and
“M” divide the reference and prescaler output,
respectively, by integer values stored in a 20-bit
register. An additional counter (“A”) is used in the
modulus select logic. The phase-frequency
detector generates up and down frequency control
signals. The control logic includes a selectable
chip interface. Data can be written via serial bus,
parallel bus, or hardwired directly to the pins.
There are also various operational and test modes
and a lock detect output.
Figure 4. Functional Block Diagram
Control
Logic
Modulus
Select
10/11
Prescaler
M Counter
(9-bit)
R Counter
(6-bit)
Phase
Detector
2 k
Ω
fc
PD_U
PD_D
LD
Cext
fp
R(5:0)
M(8:0)
A(3:0)
D(7:0)
Sdata
Control
Pins
fr
Fin
Charge
Pump
CP
Fin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com