Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB16NF06LT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB16NF06LT4
Description  N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16NF06LT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB16NF06LT4 Datasheet HTML 1Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 2Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 3Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 4Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 5Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 6Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 7Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 8Page - STMicroelectronics STB16NF06LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2006
Rev 2
1/13
13
STB16NF06L
N-channel 60V - 0.07
Ω - 16A - D2PAK
STripFET™ Power MOSFET
General features
■ Exceptional dv/dt capability
■ Low gate charge at 100°C
■ Logic level device
■ Low threshold drive
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB16NF06L
60V
<0.09
Ω
16A
D2PAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB16NF06L
B16NF06L
D2PAK
Tape & reel


Similar Part No. - STB16NF06LT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB16NF06LT4 VBSEMI-STB16NF06LT4 Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STB16NF06LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET™ POWER MOSFET
Feb-2002
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Jul-1998
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
Jun-1998
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May-2000
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
Sep-2004
STB60NF06 STMICROELECTRONICS-STB60NF06_06 Datasheet
421Kb / 14P
N-channel 60V - 0.014Ω - 60A - D2PAK/I2PAK STripFET™ II Power MOSFET
June 2006
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET??Power MOSFET
26-Jun-2006
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
10-Jan-2006
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
26-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com