Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSD19503KCS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19503KCS
Description  80 V N-Channel NexFET??Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19503KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD19503KCS Datasheet HTML 1Page - Texas Instruments CSD19503KCS Datasheet HTML 2Page - Texas Instruments CSD19503KCS Datasheet HTML 3Page - Texas Instruments CSD19503KCS Datasheet HTML 4Page - Texas Instruments CSD19503KCS Datasheet HTML 5Page - Texas Instruments CSD19503KCS Datasheet HTML 6Page - Texas Instruments CSD19503KCS Datasheet HTML 7Page - Texas Instruments CSD19503KCS Datasheet HTML 8Page - Texas Instruments CSD19503KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CSD19503KCS
SLPS479 – DECEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
80
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 64 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.2
2.8
3.4
V
VGS = 6 V, ID = 60 A
8.8
10.9
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 60 A
7.6
9.2
m
gfs
Transconductance
VDS = 8 V, ID = 60 A
110
S
Dynamic Characteristics
Ciss
Input Capacitance
2100
2730
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 40 V, f = 1 MHz
555
721
pF
Crss
Reverse Transfer Capacitance
8.5
11.1
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (10 V)
28
36
nC
Qgd
Gate Charge Gate to Drain
5.4
nC
VDS = 40 V, ID = 60 A
Qgs
Gate Charge Gate to Source
9.8
nC
Qg(th)
Gate Charge at Vth
6.1
nC
Qoss
Output Charge
VDS = 40 V, VGS = 0 V
71
nC
td(on)
Turn On Delay Time
7
ns
tr
Rise Time
3
ns
VDS = 40 V, VGS = 10 V,
IDS = 60 A, RG = 0 Ω
td(off)
Turn Off Delay Time
11
ns
tf
Fall Time
2
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 60 A, VGS = 0 V
0.9
1.1
V
Qrr
Reverse Recovery Charge
119
nC
VDS= 40 V, IF = 60 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
72
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case
0.8
°C/W
RθJA
Thermal Resistance Junction to Ambient
62
°C/W
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD19503KCS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com