Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADM8828ART Datasheet(PDF) 2 Page - Analog Devices

Part # ADM8828ART
Description  Switched-Capacitor Voltage Inverter with Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8828ART Datasheet(HTML) 2 Page - Analog Devices

  ADM8828ART Datasheet HTML 1Page - Analog Devices ADM8828ART Datasheet HTML 2Page - Analog Devices ADM8828ART Datasheet HTML 3Page - Analog Devices ADM8828ART Datasheet HTML 4Page - Analog Devices ADM8828ART Datasheet HTML 5Page - Analog Devices ADM8828ART Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
–2–
REV. A
ADM8828/ADM8829–SPECIFICATIONS
(VIN = +5 V, C1, C2 = 1 F,
1 T
A = TMIN to TMAX unless other-
wise noted)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Input Voltage, IN
1.5
5.5
V
RL = 10 kΩ
Supply Current
600
1000
µA
Unloaded
Output Current
25
mA
Output Resistance
18
28
Ω
IL = 5 mA
Output Ripple
25
mV p-p
IL = 5 mA
130
mV p-p
IL = 25 mA
Charge-Pump Frequency
50
120
190
kHz
65
kHz
VIN = +2.25 V
Power Efficiency
90
%
RL = 200 Ω
87
%
RL = 1 kΩ
Voltage Conversion Efficiency
99.5
99.96
%
No Load
98
%
RL = 1 kΩ
91
%
RL = 200 Ω
Shutdown Supply Current, ISHDN
0.02
2
µA
SHDN = IN
Shutdown Input Voltage, VSHDN
2.0
V
SHDN High = Disabled
0.8
V
SHDN Low = Enabled
Shutdown Exit Time
175
µsI
L = 5 mA
NOTES
1C1 and C2 are low ESR (<0.2
Ω) electrolytic capacitors. High ESR will degrade performance.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
Input Voltage (IN to GND) . . . . . . . . . . . . . . . –0.3 V to +6 V
OUT to GND . . . . . . . . . . . . . . . . . . . . . . . . –6.0 V to +0.3 V
OUT, IN Output Current (Continuous) . . . . . . . . . . . . 50 mA
Output Short Circuit Duration to GND . . . . . . . . . . . 10 secs
Power Dissipation, RT-6 . . . . . . . . . . . . . . . . . . . . . . 570 mW
(Derate 8.3 mW/
°C above +70°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 120
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . – 40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (70 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >3500 V
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation section of this specification
is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
ORDERING GUIDE
Temperature
Branding
Package
Model
Range
Information
Option*
ADM8828ART
–40
°C to +85°C
MM0
RT-6
ADM8829ART
–40
°C to +85°C
MN0
RT-6
*RT-6 = 6-lead SOT-23.
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
OUT
IN
CAP–
CAP+
SHDN
GND
ADM8828
1
2
3
6
5
4
TOP VIEW
(Not to Scale)
OUT
IN
CAP+
NC
GND
ADM8829
1
2
3
6
5
4
CAP–
NC = NO CONNECT
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
CAP+
Positive Charge-Pump Capacitor Terminal.
GND
Power Supply Ground.
CAP–
Negative Charge-Pump Capacitor Terminal.
OUT
Output, Negative Voltage.
SHDN
Shutdown Control Input. This input, when
high, is used to disable the charge pump
thereby reducing the power consumption.
IN
Positive Power Supply Input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com