Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INA209 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA209
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA209 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA209 Datasheet HTML 17Page - Texas Instruments INA209 Datasheet HTML 18Page - Texas Instruments INA209 Datasheet HTML 19Page - Texas Instruments INA209 Datasheet HTML 20Page - Texas Instruments INA209 Datasheet HTML 21Page - Texas Instruments INA209 Datasheet HTML 22Page - Texas Instruments INA209 Datasheet HTML 23Page - Texas Instruments INA209 Datasheet HTML 24Page - Texas Instruments INA209 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
INA226
www.ti.com
SBOS547
– JUNE 2011
Current Register 04h (Read-Only)
If averaging is enabled, this register displays the averaged value.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
CSIGN
CD14
CD13
CD12
CD11
CD10
CD9
CD8
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
The value of the Current Register is calculated by multiplying the decimal value in the Shunt Voltage Register
with the decimal value of the Calibration Register, according to Equation 3.
Calibration Register 05h (Read/Write)
This register provides the INA226 with the value of the shunt resistor that was present to create the measured
differential voltage. It also sets the resolution of the Current Register. The current LSB and power LSB are set
through the programming of this register. This register is also suitable for use in overall system calibration. See
the Configure/Measure/Calculate Example for additional information on programming the Calibration Register.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
—
FS14
FS13
FS12
FS11
FS10
FS9
FS8
FS7
FS6
FS5
FS4
FS3
FS2
FS1
FS0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Mask/Enable 06h (Read/Write)
The Mask/Enable Register selects the function that is enabled to control the Alert pin, as well as how that pin
functions. If multiple functions are enabled, the highest significant bit position Alert Function (D11-D15) takes
priority and responds to the Alert Limit register.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SOL
SUL
BOL
BUL
POL
CNVR
—
—
—
—
—
AFF
CVRF
OVF
APOL
LEN
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
SOL:
Shunt Voltage Over-Voltage
Bit 15
Setting this bit high configures the Alert pin to be asserted when the Shunt Voltage Register exceeds the value in
the Alert Limit Register.
SUL:
Shunt Voltage Under-Voltage
Bit 14
Setting this bit high configures the Alert pin to be asserted when the Shunt Voltage Register drops below the value
in the Alert Limit Register.
BOL:
Bus Voltage Over-Voltage
Bit 13
Setting this bit high configures the Alert pin to be asserted when the Bus Voltage Register exceeds the value in the
Alert Limit Register.
BUL:
Bus Voltage Under-Voltage
Bit 12
Setting this bit high configures the Alert pin to be asserted when the Bus Voltage Register drops below the value in
the Alert Limit Register.
POL:
Over-Limit Power
Bit 11
Setting this bit high configures the Alert pin to be asserted when the Power Register exceeds the value in the Alert
Limit Register.
CNVR:
Conversion Ready
Bit 10
Setting this bit high configures the Alert pin to be asserted when the Conversion Ready Flag, Bit 3, is asserted
indicating that the device is ready for the next conversion.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com