Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F207 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F207
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F207 Datasheet HTML 8Page - STMicroelectronics STM32F207 Datasheet HTML 9Page - STMicroelectronics STM32F207 Datasheet HTML 10Page - STMicroelectronics STM32F207 Datasheet HTML 11Page - STMicroelectronics STM32F207 Datasheet HTML 12Page - STMicroelectronics STM32F207 Datasheet HTML 13Page - STMicroelectronics STM32F207 Datasheet HTML 14Page - STMicroelectronics STM32F207 Datasheet HTML 15Page - STMicroelectronics STM32F207 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 163 page
background image
Table 2.
STM32F205xx and STM32F207xx features and peripheral counts
Peripherals
STM32F205Rx
STM32F205Vx
STM32F205Zx
STM32F207Vx
STM32F207Zx
STM32F207Ix
Flash memory in Kbytes
128
256
512
768
1024
128
256
512 768 1024
256
512 768 1024 256 512 768 1024 256 512 768 1024
256
512 768 1024
SRAM in
Kbytes
System
(SRAM1+SRAM2)
64
(48+16)
96
(80+16)
128(112+16)
64
(48+16)
96
(80+16)
128 (112+16)
96
(80+16)
128 (112+16)
128 (112+16)
Backup
4
4
4
4
FSMC memory controller
No
Yes
Ethernet
No
Yes
Timers
General-purpose
10
Advanced-control
2
Basic
2
Random number generator
Yes
Comm.
interfaces
SPI / (I2S)
3 (2)
I2C
3
USART
UART
4
2
USB OTG FS
No
1
USB OTG HS
1
CAN
2
Camera interface
No
Yes
GPIOs
51
82
114
82
114
140
SDIO
Yes
12-bit ADC
Number of channels
3
16
16
24
16
24
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
120 MHz
Operating voltage
1.8 V to 3.6 V(1)
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
LQFP64
LQFP64
WLCSP
64+2
LQFP
64
LQFP64
WLCSP
64+2
LQFP100
LQFP144
LQFP100
LQFP144
LQFP/
UFBGA
176
UFBGA
176
LQFP
176
1.
VDD minimum value of 1.65 V is obtained when the device operates in a reduced temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com