Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2128 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2128
Description  2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2128 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2128 Datasheet HTML 1Page - Monolithic Power Systems MP2128 Datasheet HTML 2Page - Monolithic Power Systems MP2128 Datasheet HTML 3Page - Monolithic Power Systems MP2128 Datasheet HTML 4Page - Monolithic Power Systems MP2128 Datasheet HTML 5Page - Monolithic Power Systems MP2128 Datasheet HTML 6Page - Monolithic Power Systems MP2128 Datasheet HTML 7Page - Monolithic Power Systems MP2128 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP2128
2.5V-6V Input, 3MHz, 1A
Synchronous Step-Down Converter
MP2128 Rev. 0.9
www.MonolithicPower.com
1
7/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2128 is a 3MHz constant frequency,
current mode, PWM step-down converter with
integrated
main
switch
and
synchronous
rectifier that is ideal for powering portable
equipment that runs from a single Li-Ion or Li-
Polymer battery.
The MP2128 can supply up to 1A load current
from a 2.5V to 6V input voltage. The output
voltage can be as low as 0.6V.
Additional features include <1µA shutdown
current, internal soft-start, cycle-by-cycle over
current protection, short circuit protection, and
thermal shutdown.
The MP2128 is available in low profile (1.5mm)
5-pin SOT23 and 8-pin, QFN8 2mm×2mm
packages.
FEATURES
• High Efficiency: Up to 95%
• 3MHz Constant Switching Frequency
• 1A Available Load Current
• 2.5V to 6V Input Voltage Range
• Output Voltage as Low as 0.6V
• Current Mode Control
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection
• Thermal Shutdown
• <1µA Shutdown Current
• Internal Soft-Start
• Space Saving 5-Pin SOT23 Package and
• 8-pin, QFN8 2mm×2mm package
APPLICATIONS
• Cellular Phones
• Microprocessors and DSP Core Supplies
• PDAs and Smart Phones
• MP3 and Portable Media Players
• Digital Still and Video Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
OFF ON
EN
IN
VIN
SW
SW
NC
FB
PGND
AGND
U1
VOUT
1.8V 1A
2.5V--6V
3
8
7
6
5
1
4
2
R1
200k
1%
R2
100k
1%
MP2128DG


Similar Part No. - MP2128

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
MP2120DQ MPS-MP2120DQ Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2122GJ MPS-MP2122GJ Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2122GJ MPS-MP2122GJ Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
More results

Similar Description - MP2128

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
3MHz, 1A Step-Down DC-DC Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
Monolithic Power System...
MP2136 MPS-MP2136 Datasheet
868Kb / 11P
2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
MPQ2128 MPS-MPQ2128 Datasheet
432Kb / 7P
2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com