Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS622LSB Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS622LSB
Description  TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS622LSB Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS622LSB Datasheet HTML 1Page - Allegro MicroSystems ATS622LSB Datasheet HTML 2Page - Allegro MicroSystems ATS622LSB Datasheet HTML 3Page - Allegro MicroSystems ATS622LSB Datasheet HTML 4Page - Allegro MicroSystems ATS622LSB Datasheet HTML 5Page - Allegro MicroSystems ATS622LSB Datasheet HTML 6Page - Allegro MicroSystems ATS622LSB Datasheet HTML 7Page - Allegro MicroSystems ATS622LSB Datasheet HTML 8Page - Allegro MicroSystems ATS622LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ATS622LSB
TRUE ZERO-SPEED
HALL-EFFECT GEAR-TOOTH SENSOR
The ATS622LSB is an optimized Hall-effect sensing integrated
circuit and magnet combination that provides a user-friendly solution
for true zero-speed digital gear-tooth sensing. The sensor module
consists of a plastic shell that holds together a samarium-cobalt magnet,
a pole piece, and a Hall-effect sensor that has been optimized to the
magnetic circuit. This small package can be easily assembled and used
in conjunction with a wide variety of gear shapes and sizes.
The integrated circuit incorporates a dual-element Hall-effect
sensor and signal processing that switches in response to differential
magnetic signals created by the ferrous gear teeth. The circuitry
contains a sophisticated digital circuit to eliminate magnet and system
offsets and to achieve true zero-speed operation (manufactured under
U.S. Pat. 5,917,320). A-to-D and D-to-A converters are used to adjust
the device gain at power on and to allow air-gap independent switching,
which greatly reduces vibration sensitivity of the device.
This sensor system is ideal for obtaining transmission and crank
information using gear-tooth-based configurations.
FEATURES AND BENEFITS
s Tight timing accuracy over temperature
s True zero-speed operation
s Air-gap independent switch points
s High vibration immunity
s Extremely precise duty cycle signal with temperature
s Large operating air gaps
s Defined power-on state
s Wide operating voltage range
s Digital output representing gear profile
s Single-chip sensing IC for high reliability
s Small mechanical size (9 mm diameter x 7 mm length)
s Optimized magnetic circuit
s <200
µs power-on time
s AGC and reference-adjust circuit
s Under-voltage lockout
Always order by complete part number: ATS622LSB .
Dwg. AH-006-6
1
2
3
4
Pin 1 = Supply
Pin 2 = Output
Pin 3 = No Connection
Pin 4 = Ground
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Supply Voltage, VCC ........................ 26.5 V*
Reverse Supply Voltage, VRCC ............ -24 V
Continuous Output Current, IOUT ....... 20 mA
Reverse Output Current, IROUT .......... 50 mA
Package Power Dissipation,
PD .......................................... See Graph
Operating Temperature Range,
TA ............................. -40°C to +150°C*
Junction Temperature,
(continuous), TJ .......................... +165°C
(100 s), TJM ................................ +180°C
Storage Temperature, TS ................... +170°C
* Operation at increased supply voltages with
external circuitry is described in Applications
Information. Devices for operation at in-
creased temperatures are available on special
order.
Some restrictions may apply to certain types of sales.
Contact factory for details.


Similar Part No. - ATS622LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
More results

Similar Description - ATS622LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
Hall effect Gear tooth Sensor
logo
Allegro MicroSystems
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
True Zero-Speed High-Accuracy Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com