Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2308GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2308GD
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2308GD Datasheet HTML 7Page - Monolithic Power Systems MP2308GD Datasheet HTML 8Page - Monolithic Power Systems MP2308GD Datasheet HTML 9Page - Monolithic Power Systems MP2308GD Datasheet HTML 10Page - Monolithic Power Systems MP2308GD Datasheet HTML 11Page - Monolithic Power Systems MP2308GD Datasheet HTML 12Page - Monolithic Power Systems MP2308GD Datasheet HTML 13Page - Monolithic Power Systems MP2308GD Datasheet HTML 14Page - Monolithic Power Systems MP2308GD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
14
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VIN
9
4
5
1,12 13,14
8
10
3
2
11
6
7
6-18V
GND
VCC
EN
IN
BS
SW
3.3V/4A
VOUT
GND
SW
SW
FB
GND
SS
AAM
FREQ
EN
R4
23.2k
R9
37.5k
R3
10k
R11
4.99k
R10
18.7k
MP2308
R5
10
C6
18pF
R8
25.5k
R1
30.1k
R2
10k
R7
51
R6
0
U1
Figure 6— 800kHz, 3.3V Output at 4A Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com