Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ06GS202 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC33FJ06GS202
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC33FJ06GS202 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 2
Preliminary
© 2009 Microchip Technology Inc.
High-Speed PWM Module Features:
• Up to Four PWM Generators with Four to
Eight Outputs
• Individual Time Base and Duty Cycle for each of
the Eight PWM Outputs
• Dead Time for Rising and Falling Edges
• Duty Cycle Resolution of 1.04 ns
• Dead-Time Resolution of 1.04 ns
• Phase Shift Resolution of 1.04 ns
• Frequency Resolution of 1.04 ns
• PWM modes Supported:
- Standard Edge-Aligned
- True Independent Output
- Complementary
- Center-Aligned
- Push-Pull
-Multi-Phase
- Variable Phase
- Fixed Off-Time
- Current Reset
- Current-Limit
• Independent Fault/Current-Limit Inputs for
8 PWM Outputs
• Output Override Control
• Special Event Trigger
• PWM Capture Feature
• Prescaler for Input Clock
• Dual Trigger from PWM to ADC
• PWMxL, PWMxH Output Pin Swapping
• PWM4H, PWM4L Pins Remappable
• On-the-Fly PWM Frequency, Duty Cycle and
Phase Shift Changes
• Disabling of Individual PWM Generators
• Leading-Edge Blanking (LEB) Functionality
High-Speed Analog Comparator
• Up to Four Analog Comparators:
- 20 ns response time
- 10-bit DAC for each analog comparator
- DACOUT pin to provide DAC output
- Programmable output polarity
- Selectable input source
- ADC sample and convert capability
• PWM Module Interface:
- PWM duty cycle control
- PWM period control
- PWM Fault detect
High-Speed 10-Bit ADC
• 10-Bit Resolution
• Up to 12 Input Channels Grouped into
Six Conversion Pairs
• Two Internal Reference Monitoring Inputs
Grouped into a Pair
• Successive Approximation Register (SAR)
Converters for Parallel Conversions of Analog Pairs:
- 4 Msps for devices with two SARs
- 2 Msps for devices with one SAR
• Dedicated Result Buffer for each Analog Channel
• Independent Trigger Source Section for each
Analog Input Conversion Pair
Power Management:
• On-Chip 2.5V Voltage Regulator
• Switch between Clock Sources in Real Time
• Idle, Sleep, and Doze modes with Fast Wake-up
CMOS Flash Technology:
• Low-Power, High-Speed Flash Technology
• Fully Static Design
• 3.3V (±10%) Operating Voltage
• Industrial and Extended Temperature
• Low-Power Consumption
System Management:
• Flexible Clock Options:
- External, crystal, resonator, internal RC
- Phase-Locked Loop (PLL) with 120 MHz VCO
- Primary Crystal Oscillator (OSC) in the range
of 3 MHz to 40 MHz
- Internal Low-Power RC (LPRC) oscillator at a
frequency of 32 kHz
- Internal Fast RC (FRC) oscillator at a
frequency of 7.37 MHz
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Watchdog Timer with its RC Oscillator
• Fail-Safe Clock Monitor (FSCM)
• Reset by Multiple Sources
• In-Circuit Serial Programming™ (ICSP™)
• Reference Oscillator Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com