Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD3814-1R2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SD3814-1R2-R
Description  Low Profile, Shielded Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD3814-1R2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SD3814-1R2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3814-1R2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3814-1R2-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 3.8mm x 3.8mm shielded drum cores available
in two heights: 1.2mm and 1.4mm
• Current range from 4.44 to 0.100 Amps
• Inductance range from 0.47 uH to 680 uH
• Ferrite shielded, low EMI
• Ferrite core material
Applications
• Digital cameras, cellular phones, CD players, and PDAs
• PCMCIA cards
• GPS systems
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C
(range is application specific). Temperature rise is
approximately 40°C at rated rms current
• Solder reflow temperature: +260°C max for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging,
4,150 parts per 13" reel
SD38 Series
Low Profile, Shielded Inductors
(1) Test Parameters: 100KHz, 0.100Vrms, 0.0Adc.
(2) RMS current for an approximate
∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
De-rating is necessary for AC currents.
(3) Peak current for approximately 30% rolloff at 20°C.
(4) DCR limits @ 20°C.
(5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
De-rating of the Irms is required to prevent excessive temperature rise.
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt (5)
Inductance
+/-15%
Marking
Amperes
Amperes
(
Ω)
u-sec
(µH)
(µH)
Designator
Typ.
Typ.
SD3812-R47-R
0.47
0.405
A
2.53
3.89
0.030
2.52
SD3812-1R0-R
1.0
0.845
B
2.00
2.69
0.048
3.64
SD3812-1R2-R
1.2
1.125
C
1.71
2.33
0.066
4.20
SD3812-1R5-R
1.5
1.445
D
1.58
2.06
0.078
4.76
SD3812-2R2-R
2.2
2.205
E
1.32
1.67
0.111
5.88
SD3812-3R3-R
3.3
3.125
F
1.10
1.40
0.159
7.0
SD3812-4R7-R
4.7
4.805
G
0.87
1.13
0.256
8.7
SD3812-6R8-R
6.8
6.845
H
0.80
0.95
0.299
10.4
SD3812-8R2-R
8.2
8.405
I
0.690
0.854
0.406
11.5
SD3812-100-R
10.0
10.125
J
0.662
0.778
0.441
12.6
SD3812-150-R
15.0
15.125
K
0.539
0.636
0.665
15.4
SD3812-220-R
22.0
21.125
L
0.499
0.538
0.776
18.2
SD3812-330-R
33.0
32.805
M
0.399
0.432
1.212
22.7
SD3812-470-R
47.0
47.045
N
0.327
0.361
1.809
27.2
SD3812-680-R
68.0
68.445
O
0.269
0.299
2.666
32.8
SD3812-820-R
82.0
80.645
P
0.259
0.276
2.885
36
SD3812-101-R
100.0
99.405
Q
0.217
0.248
4.099
39
SD3812-151-R
150.0
149.645
R
0.178
0.202
6.130
48
SD3812-221-R
220.0
218.405
S
0.160
0.167
7.585
59
SD3814-R47-R
0.47
0.360
A
2.81
4.44
0.020
2.16
SD3814-R82-R
0.82
0.752
B
2.18
3.08
0.033
3.12
SD3814-1R2-R
1.2
1.001
C
1.85
2.67
0.046
3.60
SD3814-1R5-R
1.5
1.286
D
1.76
2.35
0.051
4.08
SD3814-2R2-R
2.2
1.962
E
1.43
1.90
0.077
5.04
SD3814-3R3-R
3.3
2.781
F
1.31
1.60
0.093
6.0
SD3814-4R7-R
4.7
4.276
G
1.06
1.29
0.141
7.4
SD3814-6R8-R
6.8
6.768
H
0.87
1.03
0.207
9.4
SD3814-8R2-R
8.2
8.228
I
0.753
0.930
0.279
10.3
SD3814-100-R
10.0
9.830
J
0.713
0.851
0.311
11.3
SD3814-150-R
15.0
14.458
K
0.574
0.702
0.481
13.7
SD3814-220-R
22.0
21.186
L
0.519
0.580
0.589
16.6
SD3814-330-R
33.0
32.151
M
0.418
0.471
0.908
20.4
SD3814-470-R
47.0
47.210
N
0.346
0.388
1.322
24.7
SD3814-680-R
68.0
67.324
O
0.285
0.325
1.951
29.5
RoHS
2002/95/EC


Similar Part No. - SD3814-1R2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD3814-1R2-R COOPER-SD3814-1R2-R Datasheet
372Kb / 4P
Switching Regulators
SD3814-1R2-R COOPER-SD3814-1R2-R Datasheet
159Kb / 3P
Low Profile, Shielded Inductors
More results

Similar Description - SD3814-1R2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Abracon Corporation
ASPI-104S ABRACON-ASPI-104S Datasheet
112Kb / 1P
LOW PROFILE SHIELDED SMD POWER INDUCTORS
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Abracon Corporation
ASPI104S ABRACON-ASPI104S Datasheet
713Kb / 2P
LOW PROFILE SHIELDED SMD POWER INDUCTORS
02.22.11
logo
Cooper Bussmann, Inc.
SD3812-R47-R COOPER-SD3812-R47-R Datasheet
159Kb / 3P
Low Profile, Shielded Inductors
SD53-150 COOPER-SD53-150 Datasheet
221Kb / 3P
Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
SD7030-3R3-R ETC2-SD7030-3R3-R Datasheet
534Kb / 4P
Low-Profile Shielded Drum Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Eaton All Rights Reserv...
SD53 EATON-SD53 Datasheet
385Kb / 4P
Low profile shielded power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com