Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3394S Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3394S
Description  Step-Up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394S Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3394S Datasheet HTML 1Page - Monolithic Power Systems MP3394S Datasheet HTML 2Page - Monolithic Power Systems MP3394S Datasheet HTML 3Page - Monolithic Power Systems MP3394S Datasheet HTML 4Page - Monolithic Power Systems MP3394S Datasheet HTML 5Page - Monolithic Power Systems MP3394S Datasheet HTML 6Page - Monolithic Power Systems MP3394S Datasheet HTML 7Page - Monolithic Power Systems MP3394S Datasheet HTML 8Page - Monolithic Power Systems MP3394S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MP3394S—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394S Rev. 1.03
www.MonolithicPower.com
2
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP3394SGF*
TSSOP16EP
MP3394S
MP3394SGS**
SOIC16
MP3394S
MP3394SGY***
SOIC20
MP3394S
*For Tape & Reel, add suffix –Z (eg. MP3394SGF–Z).
**For Tape & Reel, add suffix –Z (eg. MP3394SGS–Z).
***For Tape & Reel, add suffix –Z (eg. MP3394SGY–Z).
Contact Factory for TSSOP16EP Availability
PACKAGE REFERENCE
OSC
LED2
COMP
LED3
EN
LED4
14
13
12
11
ExposedPad
ConnecttoGND
LED1
16
15
7
8
VCC
VIN
DBRT
ISET
GND
BOSC
GATE
ISENSE
OVP
TOPVIEW
10
9
3
4
5
6
1
2
14
13
12
11
16
15
7
8
TOP VIEW
10
9
3
4
5
6
1
2
LED2
LED3
LED1
VCC
VIN
GATE
ISENSE
OVP
OSC
COMP
EN
LED4
DBRT
ISET
GND
BOSC
18
17
16
15
20
19
7
8
TOP VIEW
14
13
3
4
5
6
1
2
OVP
LED1
NC
VCC
VIN
GATE
ISENSE
NC
GND
COMP
EN
ISET
DBRT
NC
NC
OSC
9
10
LED4
BOSC
12
11
LED2
LED3
TSSOP16EP
SOIC16
SOIC20
ABSOLUTE MAXIMUM RATINGS (1)
VIN................................................-0.3V to +30V
VGATE ............................................-0.5V to +6.8V
VCC .............................................-0.5V to +6.8V
VLED1 to VLED4....................................-1V to +55V
All Other Pins...............................-0.3V to +6.3V
Continuous Power Dissipation (TA = 25°C)
(2)
TSSOP16EP........................................... 2.78 W
SOIC16 ................................................... 1.56 W
SOIC20 ……………………………………1.74W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature.............. -65 °C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN.............................5V to 28V
LED Current (Backlight) ...........10mA to 180mA
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP16EP ...........................45 ...... 10 ... °C/W
SOIC16 ...................................80 ...... 35 ... °C/W
SOIC20 ...................................72 ...... 30 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com