Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP4032-1GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4032-1GS
Description  Primary-Side-Controlled, Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-1GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4032-1GS Datasheet HTML 9Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 10Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 11Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 12Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 13Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 14Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 15Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 16Page - Monolithic Power Systems MP4032-1GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP4032-1—PRIMARY-SIDE-CONTROLLED, OFFLINE LED DRIVER WITH FULLY-INTEGRATED MOSFET
MP4032-1 Rev. 1.02
www.MonolithicPower.com
13
7/15/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
+
1.9 uS
Blanking
Vcc
ZCD
Auxiliary Winding
RZCD1
OVP
signal
5.3V
Latch
RZCD2
CZCD
Figure 6: Over-Voltage Sampling Unit
To avoid an oscillation spike mis-triggering the
OVP after the switch turns off, the OVP has a
blanking period, as shown in Figure 7. The
blanking period (τLEB_OVP) is typically 1.9µs.
VZCD
0V
Sampling Here
LEB _OVP
Figure 7: ZCD Voltage and OVP Sampling
Over-Current Protection
The MP4032-1 clamps the CS pin voltage
<2.27V to limit the available output power. If a
short circuit on the secondary-side occurs, the
ZCD pin can’t detect the zero-crossing signal and
triggers a 130µs auto-restart process. The COMP
voltage drops and the primary-side-peak current
falls, thus limiting the SC current. Meanwhile, the
auxiliary winding voltage falls following the
secondary winding voltage, VCC drops below 9.4V,
and the system restarts. Furthermore, once the
COMP level exceeds 5V, the COMP OCP
triggers and the system stops switching until VCC
drops to 7.5V UVLO, and the system auto-
restarts.
Thermal Shutdown
To prevent thermal damage, the MP4032-1 shuts
off switching and remains latched once the inner
temperature exceeds the OTP threshold. When
VCC drops below 7.5V, the system restarts.
TRIAC-Phase Dimming
The MP4032-1 can implement TRIAC-based
dimming. As shown in Figure 8, the TRIAC
dimmer is a bi-directional SCR with an adjustable
turn-on phase. The MP4032-1 detects the
dimming phase signal on the MULT pin that
feeds the signal into the control loop for the
dimming control.
Phase Detect
Signal
Input Line
Voltage
Line Voltage
after TRIAC
TRIAC turn
on phase
T
Delay
Figure 8: TRIAC-Phase Detection Signal for a
Leading-Edge TRIAC Dimmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com