Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP7940M Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP7940M
Description  Low-Cost I2C??Real-Time Clock/Calendar with SRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940M Datasheet(HTML) 1 Page - Microchip Technology

  MCP7940M Datasheet HTML 1Page - Microchip Technology MCP7940M Datasheet HTML 2Page - Microchip Technology MCP7940M Datasheet HTML 3Page - Microchip Technology MCP7940M Datasheet HTML 4Page - Microchip Technology MCP7940M Datasheet HTML 5Page - Microchip Technology MCP7940M Datasheet HTML 6Page - Microchip Technology MCP7940M Datasheet HTML 7Page - Microchip Technology MCP7940M Datasheet HTML 8Page - Microchip Technology MCP7940M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22292A-page 1
MCP7940M
Device Selection Table
Features:
• Real-Time Clock/Calendar (RTCC):
- Hours, Minutes, Seconds, Day of Week, Day,
Month and Year
- Dual alarm with single output
• On-Chip Digital Trimming/Calibration:
- Range -127 to +127 ppm
- Resolution 1 ppm
• Programmable Open-Drain Output Control:
- CLKOUT with 4 selectable frequencies
- Alarm output
• 64 Bytes SRAM
• Low-Power CMOS Technology:
- Dynamic Current: 400
A max write
• 100 kHz and 400 kHz Compatibility
• ESD Protection >4,000V
• Packages include 8-Lead SOIC, TSSOP, 2x3
TDFN, MSOP and PDIP
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
Description:
The MCP7940M series of low-power Real-Time Clocks
(RTC) uses digital timing compensation for an accurate
clock/calendar and a programmable output control for
versatility. Using a low-cost 32.768 kHz crystal, it tracks
time
using
several
internal
registers.
For
communication, the MCP7940M uses the I2C™ bus.
The clock/calendar automatically adjusts for months
with fewer than 31 days, including corrections for
leap years. The clock operates in either the 24-hour
or 12-hour format with an AM/PM indicator and
settable alarm(s) to the second, minute, hour, day of
the week, date or month. Using the programmable
CLKOUT, frequencies of 32.768, 8.192 and 4.096
kHz and 1 Hz can be generated from the external
crystal.
The RTC series of devices are available in the standard
8-lead SOIC, TSSOP, MSOP, PDIP and 2x3 TDFN
packages.
Package Types
Part Number
SRAM
(Bytes)
MCP7940M
64
X1
X2
NC
VSS
1
2
3
4
8
7
6
5
VCC
MFP
SCL
SDA
PDIP
X1
X2
NC
VSS
VCC
MFP
SCL
SDA
1
2
3
4
8
7
6
5
MSOP
SOIC, TSSOP
X1
X2
NC
VSS
1
2
3
4
8
7
6
5
VCC
MFP
SCL
SDA
TDFN
X1
X2
NC
VSS
MFP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
Low-Cost I2C™ Real-Time Clock/Calendar with SRAM


Similar Part No. - MCP7940M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940MT MICROCHIP-MCP7940MT Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M_14 Datasheet
1Mb / 52P
Leap year compensated to 2399
03/25/14
More results

Similar Description - MCP7940M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
393Kb / 21P
I2C Real Time Clock/Calendar
July 29, 2005
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
Low Cost and Low Power I2C RTC Real Time Clock/Calendar
June 15, 2009
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
June 15, 2009
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
I2C Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com