Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP6041-IP Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6041-IP
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041-IP Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6041-IP Datasheet HTML 7Page - Microchip Technology MCP6041-IP Datasheet HTML 8Page - Microchip Technology MCP6041-IP Datasheet HTML 9Page - Microchip Technology MCP6041-IP Datasheet HTML 10Page - Microchip Technology MCP6041-IP Datasheet HTML 11Page - Microchip Technology MCP6041-IP Datasheet HTML 12Page - Microchip Technology MCP6041-IP Datasheet HTML 13Page - Microchip Technology MCP6041-IP Datasheet HTML 14Page - Microchip Technology MCP6041-IP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 11
MCP6041/2/3/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-imped-
ance CMOS inputs with low bias currents.
3.3
Chip Select Digital Input
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.4
Power Supply Pins
The positive power supply pin (VDD) is 1.4V to 6.0V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6041
MCP6042
MCP6043
MCP6044
Symbol
Description
PDIP,
SOIC,
MSOP
SOT-23-5
PDIP,
SOIC,
MSOP
PDIP,
SOIC,
MSOP
SOT-23-6
PDIP,
SOIC,
TSSOP
61
1
6
1
1
VOUT,VOUTA Analog Output (op amp A)
24
2
2
4
2
VIN–, VINA– Inverting Input (op amp A)
33
3
3
3
3
VIN+, VINA+ Non-inverting Input (op amp A)
75
8
7
6
4
VDD
Positive Power Supply
——
5
—
—
5
VINB+
Non-inverting Input (op amp B)
——
6
—
—
6
VINB–
Inverting Input (op amp B)
——
7
—
—
7
VOUTB
Analog Output (op amp B)
——
—
—
—
8
VOUTC
Analog Output (op amp C)
——
—
—
—
9
VINC–
Inverting Input (op amp C)
——
—
—
—
10
VINC+
Non-inverting Input (op amp C)
42
4
4
2
11
VSS
Negative Power Supply
——
—
—
—
12
VIND+
Non-inverting Input (op amp D)
——
—
—
—
13
VIND–
Inverting Input (op amp D)
——
—
—
—
14
VOUTD
Analog Output (op amp D)
——
—
8
5
—
CS
Chip Select
1, 5, 8
—
—
1, 5
—
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com