Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP4459 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4459
Description  1.5A, 4MHz, 36V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4459 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4459 Datasheet HTML 1Page - Monolithic Power Systems MP4459 Datasheet HTML 2Page - Monolithic Power Systems MP4459 Datasheet HTML 3Page - Monolithic Power Systems MP4459 Datasheet HTML 4Page - Monolithic Power Systems MP4459 Datasheet HTML 5Page - Monolithic Power Systems MP4459 Datasheet HTML 6Page - Monolithic Power Systems MP4459 Datasheet HTML 7Page - Monolithic Power Systems MP4459 Datasheet HTML 8Page - Monolithic Power Systems MP4459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP4459
1.5A, 4MHz, 36V
Step-Down Converter
MP4459 Rev. 1.02
www.MonolithicPower.com
1
12/24/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4459 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 1.5A output with current mode control
for fast loop response and easy compensation.
The
wide
3.8V
to
36V
input
range
accommodates
a
variety
of
step-down
applications, including those in automotive
systems. A 120µA operational quiescent current
is
suitable
for
use
in
battery-powered
applications.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
In some applications, such as AM radio and
ADSL applications, in which the device is
sensitive to frequency band, the MP4459 can
avoid the related EMI problem by setting the
frequency at 4MHz.
The MP4459 is available in thin 10-pin 3mm x 3mm
TQFN package.
FEATURES
• 120μA Quiescent Current
• Wide 3.8V to 36V Operating Input Range
• 150mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• Ceramic Capacitor Stable
• Internal Soft-Start
• Precision Current Limit without a Current
Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 30V
• Available in 10-Pin 3x3mm TQFN Package
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
100
90
80
70
60
50
40
30
20
0
500
1000
1500
LOAD CURRENT (mA)
Efficiency vs
Load Current
VO=3.3V
VI=5V
VI=12V
VI=24V


Similar Part No. - MP4459

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4459 MPS-MP4459 Datasheet
428Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
4/9/2014 Rev. 1.03
MP4459DQT MPS-MP4459DQT Datasheet
428Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
4/9/2014 Rev. 1.03
MP4459DQT-LF-P MPS-MP4459DQT-LF-P Datasheet
428Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
4/9/2014 Rev. 1.03
MP4459DQT-LF-Z MPS-MP4459DQT-LF-Z Datasheet
428Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
4/9/2014 Rev. 1.03
MP4459DQT-P MPS-MP4459DQT-P Datasheet
428Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
4/9/2014 Rev. 1.03
More results

Similar Description - MP4459

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com