Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP5414 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5414
Description  PMU for 3D Glasses
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5414 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5414 Datasheet HTML 14Page - Monolithic Power Systems MP5414 Datasheet HTML 15Page - Monolithic Power Systems MP5414 Datasheet HTML 16Page - Monolithic Power Systems MP5414 Datasheet HTML 17Page - Monolithic Power Systems MP5414 Datasheet HTML 18Page - Monolithic Power Systems MP5414 Datasheet HTML 19Page - Monolithic Power Systems MP5414 Datasheet HTML 20Page - Monolithic Power Systems MP5414 Datasheet HTML 21Page - Monolithic Power Systems MP5414 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP5414—PMU FOR 3D GLASSES
MP5414 Rev.1.12
www.MonolithicPower.com
21
12/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Setting the LDO Output Voltage
The LDO output voltage can be also adjusted by
using an external resistor divider (R3 and R4 in
the Functional Block Diagram). However, the
value of R3 and R4 in series should not exceed
100kΩ to minimize the impact on the internal
resistor divider. To accurately set the output
voltage, use 10kΩ (
±1%) for the low-side resistor
(R4), and determine the value of the high-side
resistor R3 using the following equation:
LDOOUT
LDOFB
LDOFB
VV
R3
R4
V
⎛⎞
−
=× ⎜⎟
⎝⎠
Where VLDOFB is the OUT feedback threshold
voltage equal to 1.222V.
For example, for a 2.5V output
2.5V 1.222V
R3
10.41k
1.222V
10k
−
==
Ω
⎛⎞
⎜⎟
Ω
⎝⎠
You can select a standard 10.5kΩ (
±1%) resistor
for R3.
The following table lists the selected standard R3
values for correlated with their output voltages:
Table 3—Adjustable LDO Output Voltage
R3 Values
VLDOOUT (V)
R3 (Ω)
R4 (Ω)
1.25
232
1.5
2.26k
1.8
4.75k
2
6.34k
2.5
10.5k
2.8
13k
3
14.7k
3.3
16.9k
4
22.6k
5
30.9k
10k
Selecting the LDO Input Capacitor
For proper operation, place a ceramic capacitor
(C4) between 1µF and 10µF of dielectric type
X5R or X7R between the LDOIN pin and ground.
Larger values in this range will help improve line
transient response at the cost of increased size.
Selecting the LDO Output Capacitor
For stable operation, use a ceramic capacitor of
type X5R or X7R between 1µF and 10µF for the
LDOOUT capacitor, C6. Larger values in this
range will help improve load transient response
and reduce noise at the cost of increased size.
Other dielectric types can be used, but their
temperature-sensitivity can unduly influence their
capacitances.
To improve load transient response, add a small
ceramic (X5R, X7R or Y5V dielectric) 100nF
feed-forward capacitor in parallel with R3. The
feed-forward capacitor is not required for stable
operation.
Layout Considerations
Proper layout of the high frequency switching
path is critical to limit noise issues and
electromagnetic interference. The circuit loop
from BSTOUT pin, output capacitor to BSTGND
pin is flowing with high frequency pulse current. It
must be as short as possible. The BSTIN pin is
the power supply input for the internal MOSFET
switch gate driver and the internal control
circuitry and requires decoupling. For the LDO,
the input and output need bypass ceramic
capacitors close to the LDOIN pin and LDOOUT
pin respectively. Ensure all feedback connections
are short and direct. Place the feedback resistors
and compensation components as close to the
chip as possible. Connect LDOIN, LDOOUT and
especially LDOGND respectively to a large
copper area to cool the chip to improve thermal
performance and long-term reliability. See the
MP5414 demo board layout for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com