Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7741 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7741
Description  10W Class D Mono Single Ended Audio Amplifer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7741 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7741 Datasheet HTML 1Page - Monolithic Power Systems MP7741 Datasheet HTML 2Page - Monolithic Power Systems MP7741 Datasheet HTML 3Page - Monolithic Power Systems MP7741 Datasheet HTML 4Page - Monolithic Power Systems MP7741 Datasheet HTML 5Page - Monolithic Power Systems MP7741 Datasheet HTML 6Page - Monolithic Power Systems MP7741 Datasheet HTML 7Page - Monolithic Power Systems MP7741 Datasheet HTML 8Page - Monolithic Power Systems MP7741 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP7741
10W Class D Mono
Single Ended Audio Amplifer
MP7741 Rev. 1.0
www.MonolithicPower.com
1
2/17/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7741 is a mono 10W Class D Audio
Amplifier. It is one of MPS’ products of fully
integrated audio amplifiers which dramatically
reduce solution size by integrating the following:
250mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
The MP7741 utilizes a single ended output
structure capable of delivering 10W into 8Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at high
efficiencies. The circuit is based on the MPS’
proprietary variable frequency topology that
delivers excellent linearity, fast response time
and operates on a single power supply.
MP7741
features
programmable
VDD
shutdown voltage by controlling the UVP node
voltage. The default VDD shutdown voltage is
8.4V if the UVP pin is NC.
FEATURES
• 10W Output at VDD = 24V into a 8Ω load
• THD+N = 0.02% at 1W, 8Ω
• 94% Efficiency at 10W & VDD=24V
• Low Noise (103µV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 36V Operation from a Single Supply
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Programmable UVP
• Thermal and Short Circuit Protection
• Integrated Power FETs
• Available in 10-Pin QFN3x3 Package
APPLICATIONS
• Portable Docking Stations
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
POUT (W)
50m
20
100m
1
10
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10


Similar Part No. - MP7741

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7741DQ MPS-MP7741DQ Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
More results

Similar Description - MP7741

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
EV1740EC-00A MPS-EV1740EC-00A Datasheet
238Kb / 6P
3W High Efficiency Mono Class-D Audio Amplifer EV Board
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com