Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FD515 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FD515
Description  Standard Heavy Duty Limit Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD515 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  FD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Standard actuator options – FL series
FD/FP/FL
Actuator type 40
Dual roller lever with two stable free
positions
Specify lever type:
Double track (shown above) L42
Single track (not shown) L41
Steel rod lever L43
Actuator type 51
Roller lever with large offset
OF
920gcm
PT
30˚
OT
45˚
MD
14˚
OP
OS
1.5m/s using a 30˚ cam
Notes: 1. ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.: 511.
2. Lever position adjustable over 360˚ in 10˚
increments
Actuator type 52
Roller lever without offset
OF
920gcm
PT
30˚
OT
45˚
MD
14˚
OP
OS
1.5m/s using a 30˚ cam
Notes: 1. ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.: 521;
ø35mm plastic roller actuator part no.: 522;
ø50mm rubber roller actuator part no.:523.
2. Lever position adjustable over 360˚ in 10˚
increments
Actuator type 76
Rope
OF
2450g
PT
1.8mm
OT
6.4mm
MD
1mm
OP
66.8mm
OS
Note: Not suitable for safety circuits. For
rope operated safety switches, see Safety
Limit Switches data sheet on page 217
Actuator type 53
Porcelain roller lever
OF
615gcm
PT
30˚
OT
45˚
MD
14˚
OP
OS
Note: Lever position adjustable over 360˚ in
10˚ increments
Glossary
The following is a glossary of terms in
specifying actuator characteristics:
Operating force (OF)
The force applied to the actuator
required to operate the switch contacts.
Releasing force (RF)
The value to which the force on the
actuator must be reduced to allow the
contacts to return to the normal
position.
Total force (TF)
The force applied to the actuator
required to reach the stopper from the
free position.
Free position (FP)
The initial position of the actuator when
there is no external force applied.
Operating position (OP)
The position of the actuator at which
the contacts snap to the operated
contact position measured with respect
to the centres of the mounting holes.
Releasing position (RP)
The position of the actuator at which the
contacts snap from the operated contact
position to their normal position.
Total travel position (TTP)
The position of the actuator when it
reaches the limit of travel – must not be
exceeded.
Pretravel (PT)
The distance or angle through which
the actuator moves from the free
position to the operating position.
Overtravel (OT)
The distance or angle of the actuator
movement beyond the operating
position.
Movement differential (MD)
The distance or angle from the
operating position to the releasing
position.
Total travel (TT)
The sum of the pretravel and overtravel
expressed by distance or angle.
FP
PP
OP
PT
MD
MD
PT
TT
TTP
TTP
RF
AP
OP
OF
RF
TF
MD
OT
Operate
Release
PT
OP
TTP
RP TT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com