Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX125 Datasheet(PDF) 63 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 59Page - Microsemi Corporation AX125 Datasheet HTML 60Page - Microsemi Corporation AX125 Datasheet HTML 61Page - Microsemi Corporation AX125 Datasheet HTML 62Page - Microsemi Corporation AX125 Datasheet HTML 63Page - Microsemi Corporation AX125 Datasheet HTML 64Page - Microsemi Corporation AX125 Datasheet HTML 65Page - Microsemi Corporation AX125 Datasheet HTML 66Page - Microsemi Corporation AX125 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 49
Class II
AC Loadings
Timing Characteristics
Table 2-53 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min., V
Max., V
Min., V
Max., V
Max., V
Min., V
mA
mA
-0.3
VREF – 0.2
VREF + 0.2
3.6
VREF – 0.8
VREF + 0.8
16
–16
Figure 2-24 • AC Test Loads
Table 2-54 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
VREF – 1.0
VREF + 1.0
VREF
1.50
30
Note:
* Measuring Point = VTRIP
Test Point
30 pF
25
25
VTT
Table 2-55 • 3.3 V SSTL3 Class II I/O Module
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 3.0V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
3.3 V SSTL3 Class II I/O Module Timing
tDP
Input Buffer
1.85
2.10
2.47
ns
tPY
Output Buffer
2.17
2.47
2.91
ns
tICLKQ
Clock-to-Q for the I/O input register
0.67
0.77
0.90
ns
tOCLKQ
Clock-to-Q for the I/O output register
and the I/O enable register
0.67
0.77
0.90
ns
tSUD
Data Input Set-Up
0.23
0.27
0.31
ns
tSUE
Enable Input Set-Up
0.26
0.30
0.35
ns
tHD
Data Input Hold
0.00
0.00
0.00
ns
tHE
Enable Input Hold
0.00
0.00
0.00
ns
tCPWHL
Clock Pulse Width High to Low
0.39
0.39
0.39
ns
tCPWLH
Clock Pulse Width Low to High
0.39
0.39
0.39
ns
tWASYN
Asynchronous Pulse Width
0.37
0.37
0.37
ns
tREASYN
Asynchronous Recovery Time
0.13
0.15
0.17
ns
tHASYN
Asynchronous Removal Time
0.00
0.00
0.00
ns
tCLR
Asynchronous Clear-to-Q
0.23
0.27
0.31
ns
tPRESET
Asynchronous Preset-to-Q
0.23
0.27
0.31
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com