Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP24892 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP24892
Description  Step Down White LED Driver with Wide 6V??5V Input Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24892 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP24892 Datasheet HTML 1Page - Monolithic Power Systems MP24892 Datasheet HTML 2Page - Monolithic Power Systems MP24892 Datasheet HTML 3Page - Monolithic Power Systems MP24892 Datasheet HTML 4Page - Monolithic Power Systems MP24892 Datasheet HTML 5Page - Monolithic Power Systems MP24892 Datasheet HTML 6Page - Monolithic Power Systems MP24892 Datasheet HTML 7Page - Monolithic Power Systems MP24892 Datasheet HTML 8Page - Monolithic Power Systems MP24892 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP24892 – STEP DOWN WLED DRIVER WITH WIDE 6V–45V INPUT VOLTAGE
MP24892 Rev. 1.0
www.MonolithicPower.com
7
11/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
Steady State
The MP24892 is a hysteretic-controlled step-
down LED driver that is easily configured for
various applications with an input range of 6V–
45V. The converter employs a high-side current
sensing resistor to detect and regulate the LED
current. The voltage across the current sensing
resistor is kept measured and regulated in
202mV±30mV range.
The internal 1.275V reference voltage provides a
0.2V reference to enable the part and a 1.275V
pull-up voltage as the current reference. When
VEN>0.2V, the output of the comparator goes high
and the other blocks are enabled.
Output current is sensed through a high-side
resistor, RSENSE. When the switch turns on, the
internal resistor R2 shorts out and R1 determines
the output current upper-threshold. When the
switch is off, R1 and R2 determine the output
current lower-threshold. The ratio of R1 and R2
determines the current hysteresis.
Enable Control
Once the input voltage is applied, a 2µA current
is sourced out from EN/DIM pin. If EN/DIM is left
open, the IC will automatically start up to the
maximum brightness. Applying a capacitor on
this pin programs a soft start time.
Applying an external voltage in the range of 0.2V
to 1.25V to this pin linearly controls the current
sensing voltage reference from 0mV to 202mV
for analog dimming.
Applying an external PWM signal with an
amplitude of approximately 1.25V to this pin
enables PWM dimming. For more on the flexible
external PWM dimming method, please refer to
the selecting dimming control mode section.
System Soft-Start
The voltage on the EN/DIM pin functions as the
inductor current reference. An external capacitor
from the EN/DIM pin to ground provides a soft-
start delay. When VIN starts, the internal voltage
source charges the capacitor from 0V to 1.25V.
Dimming Control
MP24892 provides two dimming methods: PWM
dimming and DC analog dimming.
To use PWM dimming, apply a square wave to
the EN/DIM pin. To use analog dimming, apply a
0.3V–2.5V DC voltage to this pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com