Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP24894 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP24894
Description  Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24894 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP24894 Datasheet HTML 1Page - Monolithic Power Systems MP24894 Datasheet HTML 2Page - Monolithic Power Systems MP24894 Datasheet HTML 3Page - Monolithic Power Systems MP24894 Datasheet HTML 4Page - Monolithic Power Systems MP24894 Datasheet HTML 5Page - Monolithic Power Systems MP24894 Datasheet HTML 6Page - Monolithic Power Systems MP24894 Datasheet HTML 7Page - Monolithic Power Systems MP24894 Datasheet HTML 8Page - Monolithic Power Systems MP24894 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP24894
Step-Down WLED-Current Controller
with Wide 6V to 60V Input Voltage
MP24894 Rev 1.01
www.MonolithicPower.com
1
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP24894 is a high-efficiency step-down
controller. It is designed to operate in
continuous current mode (CCM) to power LEDs
of high-brightness with a wide input voltage
range of 6V to 60V.
The MP24894 employs a hysteretic control
architecture that accurately regulates LED
current with a feedback coming from an external
high-side current-sense resistor. This control
scheme optimizes circuit stabilization and fast
response time without loop compensation. Its
low 200mV average feedback voltage reduces
power loss and improves the converter’s
efficiency.
The MP24894 implements PWM and analog
dimming together through the EN/DIM pin.
The MP24894 includes thermal overload
protection in case of output overload.
The MP24894 is available in TSOT6 package.
FEATURES
• Wide 6V to 60V Input Range
• Able to Drive >1A LED Load
• Hysteresis Control
• High Efficiency (>95%)
• 2500:1 PWM Dimming Ratio
• Open LED Protection
• Short LED Protection
• Thermal Shutdown
APPLICATIONS
• Low Voltage Halogen Replacement
• Low Voltage General Illumination
• Automotive/Decorative LED Lighting
• Signs/Emergency Lighting
• LED Backlighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
6V-60V
VIN
CIN
RSENSE
MP24894
IN
RS
DR
GND
VCC
EN/DIM
D1
L1


Similar Part No. - MP24894

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24894GJ MPS-MP24894GJ Datasheet
208Kb / 7P
Step-Down WLED-Curernt Controller Evaluation Board
More results

Similar Description - MP24894

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
Step Down White LED Driver with Wide 6V??5V Input Voltage
MP24893 MPS-MP24893 Datasheet
237Kb / 12P
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
logo
Texas Instruments
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Monolithic Power System...
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MPQ2489 MPS-MPQ2489 Datasheet
539Kb / 13P
Step Down White LED Driver with Wide 6V??5V Input Voltage AEC-Q100 Qualified
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
logo
Shenzhen Huazhimei Semi...
HM3131 HMSEMI-HM3131 Datasheet
476Kb / 8P
Wide input voltage step-down constant voltage constant current DC-DC controller
logo
ACE Technology Co., LTD...
ACE7360X ACE-ACE7360X Datasheet
194Kb / 3P
Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com