Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APT15GT120BRG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT15GT120BRG
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15GT120BRG Datasheet(HTML) 4 Page - Microsemi Corporation

  APT15GT120BRG Datasheet HTML 1Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 2Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 3Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 4Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 5Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 6Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 7Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 8Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
2.5
25
25
21
APT25GR120B
TO-247
2.5
25
25
21
APT25GR120S
D3
2.5
40
38
28
APT40GR120B
TO-247
2.5
40
38
28
APT40GR120S
D3
2.5
50
48
36
APT50GR120B2
T-MAX®
2.5
50
48
36
APT50GR120L
TO-264
1200
2.5
70
66
42
APT70GR120B2
T-MAX®
2.5
70
66
42
APT70GR120L
TO-264
2.5
70
42
30
APT70GR120J
ISOTOP®
2.5
85
72
46
APT85GR120B2
T-MAX®
2.5
85
72
46
APT85GR120L
TO-264
2.5
85*
46
31
APT85GR120J
ISOTOP®
2.5
25
25
21
APT25GR120BD15
TO-247 (DQ)
2.5
25
25
21
APT25GR120SD15
D3 (DQ)
2.5
25
25
21
APT25GR120BSCD10
TO-247 (SiC SBD)
2.5
25
25
21
APT25GR120SSCD10
D3 (SiC SBD)
1200
2.5
40
38
28
APT40GR120B2D30
T-MAX® (DQ)
2.5
40
38
28
APT40GR120B2SCD10
T-MAX® (SiC SBD)
2.5
50*
42
32
APT50GR120JD30
ISOTOP® (DQ)
2.5
70*
42
30
APT70GR120JD60
ISOTOP® (DQ)
2.5
85*
46
31
APT85GR120JD60
ISOTOP® (DQ)
2.0
36
21
17
APT36GA60B
TO-247
2.0
44
26
20
APT44GA60B
TO-247
600
2.0
54
30
23
APT54GA60B
TO-247
2.0
68
35
27
APT68GA60B
TO-247
2.0
80
40
31
APT80GA60B
TO-247
2.0
102
51
39
APT102GA60B2
T-MAX® or TO-264
2.5
35
17
10
APT35GA90B
TO-247
900
2.5
43
21
13
APT43GA90B
TO-247
2.5
64
29
19
APT64GA90B
TO-247
2.5
80
34
23
APT80GA90B
TO-247 or D3
2.0
36
21
17
APT36GA60BD15
TO-247
2.0
44
26
20
APT44GA60BD30
TO-247
600
2.0
54
30
23
APT54GA60BD30
TO-247
2.0
60
48
36
APT60GA60JD60
ISOTOP®
2.0
68
35
27
APT68GA60B2D40
T-MAX® or TO-264
2.0
80
40
31
APT80GA60LD40
TO-264
2.5
27
14
8
APT27GA90BD15
TO-247
2.5
35
17
10
APT35GA90BD15
TO-247
900
2.5
43
21
13
APT43GA90BD30
TO-247
2.5
46
33
21
APT46GA90JD40
ISOTOP®
2.5
64
29
19
APT64GA90B2D30
T-MAX® or TO-264
2.5
80
34
23
APT80GA90LD40
TO-264
1.5
24
15
10
APT20GN60BG
TO-247
1.5
37
20
14
APT30GN60BG
TO-247
1.5
64
30
21
APT50GN60BG
TO-247
1.5
93
42
30
APT75GN60BG
TO-247
600
1.5
123
75
47
APT150GN60J
ISOTOP®
1.5
135
54
39
APT100GN60B2G
T-MAX®
1.5
190
79
57
APT150GN60B2G
T-MAX®
1.5
230
103
75
APT200GN60B2G
T-MAX®
1.5
158
100
66
APT200GN60J
ISOTOP®
1.7
33
19
13
APT25GN120BG
TO-247 or D3
1.7
46
24
17
APT35GN120BG
TO-247
1.7
66
32
22
APT50GN120B2G
T-MAX®
1200
1.7
70
44
27
APT100GN120J
ISOTOP®
1.7
99
45
30
APT75GN120B2G
T-MAX® or TO-264
1.7
120
58
38
APT100GN120B2G
T-MAX®
1.7
99
60
36
APT150GN120J
ISOTOP®
Datasheets available on www.microsemi.com
All Products RoHS Compliant
BV
CES
V
CE(ON)
I
C2
Maximum I
C
Package
Volts
Typ 25OC
100oC
at Frequency
Part Number
Style
TO-247[B]
ISOTOP®[J]
SOT-227
T-MAX®[B2]
C
E
G
D3 PAK[S]
TO-264[L]
264-MAXTM[L2]
Part Numbers for
TO-264 packages -
replace "B2" with
"L" in part number
Part Numbers for D3
packages - replace
B” with “S” in part
number
Current @ Frequency Test Conditions: Tj = 125oC, Tc = 100oC except Isotop® where Tc = 80oC, Vcc = 67% rated voltage Hard Switch
50 kHz
80 kHz
25 kHz
50 kHz
Combi (IGBT & Diode)
50 kHz
80 kHz
POWER MOS 8TM
SINGLE
50 kHz
80 kHz
25 kHz
50 kHz
25 kHz
50 kHz
50 kHz
80 kHz
Combi (IGBT & “DQ” FRED)
25 kHz
50 kHz
15 kHz
30 kHz
10 kHz
20 kHz
SINGLE
FIELD STOP
New!
1200V
Insulated Gate Bipolar Transistors (IGBTs)
POWER MOS 8TM
SINGLE
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com