Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP28257 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP28257
Description  4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28257 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP28257 Datasheet HTML 8Page - Monolithic Power Systems MP28257 Datasheet HTML 9Page - Monolithic Power Systems MP28257 Datasheet HTML 10Page - Monolithic Power Systems MP28257 Datasheet HTML 11Page - Monolithic Power Systems MP28257 Datasheet HTML 12Page - Monolithic Power Systems MP28257 Datasheet HTML 13Page - Monolithic Power Systems MP28257 Datasheet HTML 14Page - Monolithic Power Systems MP28257 Datasheet HTML 15Page - Monolithic Power Systems MP28257 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP28257 –4A, 4.2V-TO-20V, FAST TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTER
MP28257 Rev 1.0
www.MonolithicPower.com
13
11/8/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage is set by using a resistive
voltage divider from the output voltage to the FB
pin.
The use of low-ESR ceramic output capacitors
requires adding an external voltage ramp to the
FB through R4 and C4. Choose an R2 value
between 5kΩ and 40kΩ, then determine R1 using
the following equation:
1
REF
RAMP
4
2OUT
REF
RAMP
1
R
1
VV
1
2
1
R
R(V
V
V
)
2

(9)
Using the VRAMP value derived from equation (16).
For example feedback resistor values and output
voltages, see the design example section on
page 15.
Input Capacitor
The input current to the step-down converter is
discontinuous and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Ceramic capacitors are recommended for best
performance and should be placed as close to
the VIN pin as possible. Use capacitors with X5R
and X7R ceramic dielectrics because they are
fairly stable with temperature fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV

 
(10)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
(11)
For simplification, choose the input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If there is an input
voltage ripple requirement in the system, choose
the input capacitor that meets the specification.
The input voltage ripple can be estimated as
follows:
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
fC
V
V

 
(12)
Under worst-case conditions where VIN = 2VOUT:
OUT
IN
SW
IN
I
1
V
4f
C
 
(13)
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic or POSCON
capacitors are recommended. The output voltage
ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
fL
V
8 f
C

 

(14)
Where RESR is ESR value of COUT.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and is the primary contributor to the
output voltage ripple. For simplification, the
output voltage ripple can be estimated by:
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8f
L C
V

 
 
(15)
The output voltage ripple caused by ESR is very
small for ceramic capacitors, so it needs an
external ramp to stabilize the system. The
voltage ramp is expected to be around 30mV.
The external ramp can be generated through
resistor R4 and capacitor C4, using the following
equation:
IN
OUT
ON
RAMP
44
(V
V
) t
V
RC

(16)
The C4 should meet the following requirement:
12
SW
4
1
2
RR
11
()
2f
C
5
R
R


(17)
In the case of POSCON capacitors, the ESR
dominates the impedance at the switching
frequency. The ramp voltage generated from the
ESR is high enough to stabilize the system, and
does not require an external ramp. A minimum
ESR value of 12mΩ is recommended to ensure
stable
operation
of
the
converter.
For
simplification,
the
output
ripple
can
be
approximated
as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com