Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPQ4458 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ4458
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4458 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ4458 Datasheet HTML 4Page - Monolithic Power Systems MPQ4458 Datasheet HTML 5Page - Monolithic Power Systems MPQ4458 Datasheet HTML 6Page - Monolithic Power Systems MPQ4458 Datasheet HTML 7Page - Monolithic Power Systems MPQ4458 Datasheet HTML 8Page - Monolithic Power Systems MPQ4458 Datasheet HTML 9Page - Monolithic Power Systems MPQ4458 Datasheet HTML 10Page - Monolithic Power Systems MPQ4458 Datasheet HTML 11Page - Monolithic Power Systems MPQ4458 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MPQ4458 –INDUSTRIAL GRADE,1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4458 Rev. 1.0
www.MonolithicPower.com
8
12/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PMOS pass transistor connected from VIN to
BST is turned on. The charging current path is
from VIN, BST and then to SW. External circuit
should provide enough voltage headroom to
facilitate the charging.
As long as VIN is sufficiently higher than SW, the
bootstrap capacitor can be charged. When the
power MOSFET is ON, VIN is about equal to SW
so the bootstrap capacitor cannot be charged.
When the external diode is on, the difference
between VIN and SW is largest, thus making it
the best period to charge. When there is no
current in the inductor, SW equals the output
voltage VOUT so the difference between VIN and
VOUT can be used to charge the bootstrap
capacitor.
At higher duty cycle operation condition, the time
period available to the bootstrap charging is less
so the bootstrap capacitor may not be sufficiently
charged.
In case the internal circuit does not have
sufficient voltage and the bootstrap capacitor is
not charged, extra external circuitry can be used
to ensure the bootstrap voltage is in the normal
operational region. Refer to External Bootstrap
Diode
in Application section.
The DC quiescent current of the floating driver is
about 20µA. Make sure the bleeding current at
the SW node is higher than this value, such that:
A
20
)
2
R
1
R
(
V
I
O
O
μ
>
+
+
Current Comparator and Current Limit
The power MOSFET current is accurately sensed
via a current sense MOSFET. It is then fed to the
high speed current comparator for the current
mode control purpose. The current comparator
takes this sensed current as one of its inputs.
When the power MOSFET is turned on, the
comparator is first blanked till the end of the turn-
on transition to avoid noise issues. The
comparator then compares the power switch
current with the COMP voltage. When the
sensed current is higher than the COMP voltage,
the comparator output is low, turning off the
power MOSFET. The cycle-by-cycle maximum
current of the internal power MOSFET is
internally limited.
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides
stable
supply
for
the
remaining
circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET OFF for about
50µs to blank the startup glitches. When the
internal soft-start block is enabled, it first holds its
SS output low to ensure the remaining circuitries
are ready and then slowly ramps up.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, power MOSFET is turned off first to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down.
Programmable Oscillator
The MPQ4458 oscillating frequency is set by an
external resistor, RFREQ from the FREQ pin to
ground. The relationship between RFREQ and fS
refer
to
table1
in
Application
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com