Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM27C64 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM27C64
Description  64 Kilobit (8 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C64 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM27C64 Datasheet HTML 1Page - Advanced Micro Devices AM27C64 Datasheet HTML 2Page - Advanced Micro Devices AM27C64 Datasheet HTML 3Page - Advanced Micro Devices AM27C64 Datasheet HTML 4Page - Advanced Micro Devices AM27C64 Datasheet HTML 5Page - Advanced Micro Devices AM27C64 Datasheet HTML 6Page - Advanced Micro Devices AM27C64 Datasheet HTML 7Page - Advanced Micro Devices AM27C64 Datasheet HTML 8Page - Advanced Micro Devices AM27C64 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FINAL
Publication# 11419
Rev: E Amendment/0
Issue Date: May 1998
Am27C64
64 Kilobit (8 K x 8-Bit) CMOS EPROM
DISTINCTIVE CHARACTERISTICS
s Fast access time
— Speed options as fast as 45 ns
s Low power consumption
— 20 µA typical CMOS standby current
s JEDEC-approved pinout
s Single +5 V power supply
s
±10% power supply tolerance standard
s 100% Flashrite™ programming
— Typical programming time of 1 second
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s High noise immunity
s Versatile features for simple interfacing
— Both CMOS and TTL input/output compatibility
— Two line control functions
s Standard 28-pin DIP, PDIP, and 32-pin PLCC
packages
GENERAL DESCRIPTION
The Am27C64 is a 64-Kbit, ultraviolet erasable pro-
grammable read-only memory. It is organized as 8K
words by 8 bits per word, operates from a single +5 V
supply, has a static standby mode, and features fast
single address location programming. Products are
available in windowed ceramic DIP packages, as well
as plastic one time programmable (OTP) PDIP and
PLCC packages.
Data can be typically accessed in less than 45 ns, al-
lowing high-performance microprocessors to operate
without any WAIT states. The device offers separate
Output Enable (OE#) and Chip Enable (CE#) controls,
thus eliminating bus contention in a multiple bus micro-
processor system.
AMD’s CMOS process technology provides high
speed, low power, and high noise immunity. Typical
power consumption is only 80 mW in active mode, and
100 µW in standby mode.
All signals are TTL levels, including programming sig-
nals. Bit locations may be programmed singly, in
blocks, or at random. The device supports AMD’s
Flashrite programming algorithm (100 µs pulses), re-
sulting in a typical programming time of 1 second.
BLOCK DIAGRAM
11419E-1
A0–A12
Address
Inputs
PGM#
CE#
OE#
VCC
VSS
VPP
Data Outputs
DQ0–DQ7
Output
Buffers
Y
Gating
65,538
Bit Cell
Matrix
X
Decoder
Y
Decoder
Output Enable
Chip Enable
and
Prog Logic


Similar Part No. - AM27C64

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120 AMD-AM27C010-120 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010-120DC ROCHESTER-AM27C010-120DC Datasheet
926Kb / 9P
1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120DC5 AMD-AM27C010-120DC5 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

Similar Description - AM27C64

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com