Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC59 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC59 Datasheet HTML 12Page - Microchip Technology TC59 Datasheet HTML 13Page - Microchip Technology TC59 Datasheet HTML 14Page - Microchip Technology TC59 Datasheet HTML 15Page - Microchip Technology TC59 Datasheet HTML 16Page - Microchip Technology TC59 Datasheet HTML 17Page - Microchip Technology TC59 Datasheet HTML 18Page - Microchip Technology TC59 Datasheet HTML 19Page - Microchip Technology TC59 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002 Microchip Technology Inc.
DS21438B-page17
TC59
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART CODE TC59
TC59
30
50
02
02
ECB
ECB
XX
XX
Output Voltage:
50 = -5.0V; 30 = -3.0V
Tolerance:
02 = 2%
Temperature/Package:
-40°C to +85°C
3-Pin SOT-23A
Taping Direction:
TR: Standard Taping
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com