Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPQ8632-4 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ8632-4
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632-4 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ8632-4 Datasheet HTML 1Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 2Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 3Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 4Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 5Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 6Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 7Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 8Page - Monolithic Power Systems MPQ8632-4 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
MPQ8632
High Efficiency 18V Synchronous
Step-down Converter Family for 4A to 20A
MPQ8632 Rev.1.24
www.MonolithicPower.com
1
8/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Part Number
Current
Rating (A)
Input Voltage
OVP Mode
MPQ8632GLE-4
4
2.5V to 18V
Non-Latch
MPQ8632GLE-6
6
2.5V to 18V
Non-Latch
MPQ8632GLE-8
8
2.5V to 18V
Non-Latch
MPQ8632HGLE-10
10
2.5V to 18V
Non-Latch
MPQ8632GLE-10
10
2.5V to 18V
Latch-Off
MPQ8632GLE-12
12
2.5V to 18V
Non-Latch
MPQ8632GVE-15
15
2.5V to 18V
Non-Latch
MPQ8632GVE-20
20
2.5V to 18V
Non-Latch
DESCRIPTION
The
MPQ8632
is
a fully
integrated
high
frequency
synchronous
rectified
step-down
switch mode converter. It offers a very compact
solution to achieve 4A/6A/8A/10A/12A/15A/20A
output current over a wide input supply range
with excellent load and line regulation.
The MPQ8632 uses Constant-On-Time (COT)
control mode to provide fast transient response
and ease loop stabilization.
An external resistor programs the operating
frequency from 200kHz to 1MHz and the
frequency keeps nearly constant as input
supply
varies
with
the
feedforward
compensation.
The default under voltage lockout threshold is
internally set at 4.1V, but a resistor network on
the enable pin can increase this threshold. The
soft start pin controls the output voltage startup
ramp. An open drain power good signal
indicates that the output is within nominal
voltage range.
It has fully integrated protection features that
include
over-current
protection,
over-voltage
protection and thermal shutdown.
The MPQ8632 requires a minimal number of
readily available standard external components
and is available in a 16-Pin QFN 3mm×4mm or
a 29-Pin QFN 5mm×4mm package.
FEATURES
 Low Input Voltage Range from 2.5V:
-- 2.5V to 18V with External 5V Bias
-- 4.5V to 18V with Internal Bias
 Scalable Family of Products for 4A to 20A
Output Current Applications
-- 4A/6A/8A/10A/12A Share the Same
Footprint
--15A/20A Share the Same Footprint, with
Slight Change on Power Stage Section
from 4A/6A/8A/10A/12A
 Optimal Low R
DS(ON) Internal Power
MOSFETs Per Device
 Proprietary Switching Loss Reduction
Technique
 Adaptive COT for Ultrafast Transient
Response
 0.5% Reference Voltage Over 0C to
70
C Junction Temperature Range
 Programmable Soft Start Time
 Pre-Bias Start up
 Programmable Switching Frequency from
200kHz to 1MHz
 Non-latch OCP, OVP and Thermal
Shutdown Protection
 Output Adjustable from 0.611V to 13V
APPLICATIONS
Telecom and Networking Systems
Base Stations
Servers
Personal Video Recorders
Flat Panel Television and Monitors
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MPQ8632-4

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632-10 MPS-MPQ8632-10 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-15 MPS-MPQ8632-15 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-20 MPS-MPQ8632-20 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-6 MPS-MPQ8632-6 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-8 MPS-MPQ8632-8 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
More results

Similar Description - MPQ8632-4

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632-6 MPS-MPQ8632-6 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-8 MPS-MPQ8632-8 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-10 MPS-MPQ8632-10 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-15 MPS-MPQ8632-15 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-20 MPS-MPQ8632-20 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MPQ8632 MPS-MPQ8632 Datasheet
1Mb / 47P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com