Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPQ8632-15 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ8632-15
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632-15 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ8632-15 Datasheet HTML 4Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 5Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 6Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 7Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 8Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 9Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 10Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 11Page - Monolithic Power Systems MPQ8632-15 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.24
www.MonolithicPower.com
8
8/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40C to +125C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Timer
One-Shot On Time
TON
RFREQ=453kΩ, VOUT=1.2V
250
ns
Minimum On Time
(6)
TON_MIN
20
30
40
ns
Minimum Off Time
(6)
TOFF_MIN
MPQ8632GLE-10
50
100
150
ns
Other parts
200
360
420
Over-voltage and Under-voltage Protection
OVP Latch Threshold
(6)
VOVP_LATCH
MPQ8632GLE-10
127%
130%
133%
VFB
OVP Non-latch Threshold
VOVP_NON-
LATCH
117%
120%
123%
VFB
OVP Delay
TOVP
2
μs
UVP Threshold
(6)
VUVP
47%
50%
53%
VFB
Reference And Soft Start
Reference Voltage
VREF
TJ = 0°C to +70°C
608
611
614
mV
TJ = 0°C to +125°C
605
611
617
mV
TJ = -40°C to +125°C
602
611
620
mV
Feedback Current
IFB
VFB = 611mV
50
100
nA
Soft Start Charging Current
ISS
VSS=0V
16
20
25
μA
Enable And UVLO
Enable Input Low Voltage
VILEN
1.1
1.3
1.5
V
Enable Hysteresis
VEN-HYS
250
mV
Enable Input Current
IEN
VEN = 2V
0
μA
VEN = 0V
0
VCC Regulator
VCC Under Voltage Lockout
Threshold Rising
VCCVth
3.8
V
VCC Under Voltage Lockout
Threshold Hysteresis
VCCHYS
500
mV
VCC Regulator
VCC
4.8
V
VCC Load Regulation
Icc=5mA
0.5
%
Power Good
Power Good Rising Threshold
PGVth-Hi
87%
91%
94%
VFB
Power Good Falling Threshold
PGVth-Lo
80%
VFB
Power Good Lower to High Delay
PGTd
2.5
ms
Power Good Sink Current
Capability
IOL
VOL=600mV
12
mA
Power Good Leakage Current
IPG_LEAK
VPG = 3.3V
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com