Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM29F040B-1 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F040B-1
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-1 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F040B-1 Datasheet HTML 5Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 6Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 7Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 8Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 9Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 10Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 11Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 12Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Am29F040B
9
outputs are placed in the high impedance state, inde-
pendent of the OE# input.
The device enters the CMOS standby mode when the
CE# pin is held at VCC ± 0.5 V. (Note that this is a more
restricted voltage range than VIH.) The device enters
the TTL standby mode when CE# is held at VIH. The
device requires the standard access time (tCE) before it
is ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
ICC3 in the DC Characteristics tables represents the
standby current specification.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The output pins are placed in the high imped-
ance state.
Table 2.
Sector Addresses Table
Note: All sectors are 64 Kbytes in size.
Sector
A18
A17
A16
Address Range
SA0
0
0
0
00000h–0FFFFh
SA1
0
0
1
10000h–1FFFFh
SA2
0
1
0
20000h–2FFFFh
SA3
0
1
1
30000h–3FFFFh
SA4
1
0
0
40000h–4FFFFh
SA5
1
0
1
50000h–5FFFFh
SA6
1
1
0
60000h–6FFFFh
SA7
1
1
1
70000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com