Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCPL-5761 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5761
Description  AC/DC to Logic Interface Hermetically Sealed Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5761 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5761 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Each unit contains a light emitting diode (LED), a threshold
sensing input buffer IC, and a high gain photon detector
to provide an optocoupler which permits adjustable
external threshold levels. The input buffer circuit has a
nominal turn on threshold of 2.5 mA (ITH+) and 3.6 volts
(VTH+). The addition of one or more external attenuation
resistors permits the use of this device over a wide range
of input voltages and currents. Threshold sensing prior to
the LED and detector elements minimizes effects of any
variation in optical coupling. Hysteresis is also provided in
the buffer for extra noise immunity and switching stability.
The buffer circuit is designed with internal clamping
diodes to protect the circuitry and LED from a wide range
of over-voltage and over-current transients while the
diode bridge enables easy use with AC voltage input.
These units combine several unique functions in a single
package, providing the user with an ideal component
for computer input boards and other applications where
a predetermined input threshold optocoupler level is
desirable.
The high gain output stage features an open collector
output providing both TTL compatible saturation voltages
and CMOS compatible breakdown voltages.
This is an eight pin DIP which may be purchased with a
variety of lead bend and plating options. See Selection
Guide Table for details. Standard Microcircuit Drawing
(SMD) parts are available for each lead style.
Selection Guide – Package Styles and Lead Configuration Options
Avago Part # and Options
Commercial
HCPL-5760
MIL-PRF-38534 Class H
HCPL-5761
MIL-PRF-38534 Class K
HCPL-576K
Standard Lead Finish
Gold
Solder Dipped
Option #200
Butt Joint/Gold Plate
Option #100
Gull Wing/Soldered
Option #300
Crew Cut/Gold Plate
Option #600
Class H SMD Part #
Prescript for all below
5962-
Gold Plate
8947701PC
Solder Dipped
8947701PA
Butt Joint/Gold Plate
8947701YC
Butt Joint/Soldered
8947701YA
Gull Wing/Soldered
8947701XA
Crew Cut/Gold Plate
Available
Crew Cut/Soldered
Available
Class K SMD Part #
Prescript for all below
5962-
Gold Plate
8947702KPC
Solder Dipped
8947702KPA
Butt Joint/Gold Plate
8947702KYC
Butt Joint/Soldered
8947702KYA
Gull Wing/Soldered
8947702KXA
Crew Cut/Gold Plate
Available
Crew Cut/Soldered
Available



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com