Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM7968 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 7Page - Advanced Micro Devices AM7968 Datasheet HTML 8Page - Advanced Micro Devices AM7968 Datasheet HTML 9Page - Advanced Micro Devices AM7968 Datasheet HTML 10Page - Advanced Micro Devices AM7968 Datasheet HTML 11Page - Advanced Micro Devices AM7968 Datasheet HTML 12Page - Advanced Micro Devices AM7968 Datasheet HTML 13Page - Advanced Micro Devices AM7968 Datasheet HTML 14Page - Advanced Micro Devices AM7968 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
AMD
7
Am7968/Am7969
multiplier is switched out, and the internal logic is
clocked directly from the CLK pin. Test Mode 2 is in-
cluded to ease Automatic Test Equipment (A.T.E.) test-
ing by making the internal logic of the Transmitter
synchronous to the external clock instead of the
internal PLL.
TSERIN
Test Serial Input (Pseudo ECL Input)
This pin is left unconnected in Local Mode operation.
TSERIN can be used to input serial data patterns into
the Shifter in Test Mode 1 operation.
VCC1, VCC2, VCC3
Power Supply
VCC1, VCC2, and VCC3 are +5.0 volt nominal power sup-
ply pins. VCC1 powers TTL I/O, VCC2 powers ECL and
VCC3 powers internal Logic and Analog circuitry.
X1, X2
Crystal Oscillator Inputs (Inputs)
The two crystal input pins connect to an internal parallel
mode oscillator which operates at the fundamental fre-
quency of the external crystal. The byte rate matches
the crystal frequency. During normal operation, the byte
rate is set by the crystal frequency.
Alternatively, X1 can be driven by an external TTL fre-
quency source. In multiple TAXI systems this external
source could be another Am7968’s CLK output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com