Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC4451VOA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC4451VOA
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4451VOA Datasheet(HTML) 2 Page - Microchip Technology

  TC4451VOA Datasheet HTML 1Page - Microchip Technology TC4451VOA Datasheet HTML 2Page - Microchip Technology TC4451VOA Datasheet HTML 3Page - Microchip Technology TC4451VOA Datasheet HTML 4Page - Microchip Technology TC4451VOA Datasheet HTML 5Page - Microchip Technology TC4451VOA Datasheet HTML 6Page - Microchip Technology TC4451VOA Datasheet HTML 7Page - Microchip Technology TC4451VOA Datasheet HTML 8Page - Microchip Technology TC4451VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TC4451/TC4452
DS21987A-page 2
© 2006 Microchip Technology Inc.
Package Types(1)
Functional Block Diagram
8-Pin
1
2
3
4
VDD
5
6
7
8
OUTPUT
GND
VDD
INPUT
NC
GND
OUTPUT
TC4451
TC4452
5-Pin TO-220
TC4451
TC4452
Tab is
Common
to VDD
Note 1: Duplicate pins must both be connected for proper operation.
2: Exposed pad of the DFN package is electrically isolated.
TC4451 TC4452
VDD
OUTPUT
GND
OUTPUT
PDIP/SOIC
8-Pin DFN(2)
VDD
INPUT
NC
GND
2
3
4
5
6
7
8
1
TC4451
TC4452
VDD
OUTPUT
GND
OUTPUT
TC4451 TC4452
VDD
OUTPUT
GND
OUTPUT
Effective
Input
Output
Input
GND
VDD
300 mV
4.7V
TC4451
C = 25 pF
TC4452
Inverting
Non-Inverting
140 μA
Cross-Conduction
Reduction and Pre-Drive
Circuitry
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com